Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV040T-15JI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49LV040T-15JI
Description  4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV040T-15JI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49LV040T-15JI Datasheet HTML 1Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 2Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 3Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 4Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 5Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 6Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 7Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 8Page - ATMEL Corporation AT49LV040T-15JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
4-Megabit
(512K x 8)
Single 2.7-volt
Battery-Voltage
Flash Memory
AT49BV040
AT49BV040T
AT49LV040
AT49LV040T
AT49BV/LV040
Features
Single Voltage for Read and Write: 2.7V to 3.6V (BV), 3.0V to 3.6V (LV)
Fast Read Access Time - 120 ns
Internal Program Control and Timer
16K bytes Boot Block With Lockout
Fast Chip Erase Cycle Time - 10 seconds
Byte-by-Byte Programming - 30
µs/Byte Typical
Hardware Data Protection
DATA Polling For End Of Program Detection
Low Power Dissipation
– 25 mA Active Current
–50
µA CMOS Standby Current
Typical 10,000 Write Cycles
Small Packaging
– 8 x 8 mm CBGA
– 8 x 14 mm V-TSOP
Description
The AT49BV/LV040 are 3-volt-only, 4-megabit Flash memories organized as 524,288
words of 8-bits each. Manufactured with Atmel’s advanced nonvolatile CMOS tech-
nology, the devices offer access times to 120 ns with power dissipation of just 90 mW
over the commercial temperature range. When the device is deselected, the CMOS
standby current is less than 50
µA.
The device contains a user-enabled “boot block” protection feature. Two versions of
the feature are available: the AT49BV/LV040 locates the boot block at lowest order
addresses (“bottom boot”); the AT49BV/LV040T locates it at highest order addresses
(“top boot”).
0679AX-A–9/97
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
CBGA Top View
A
B
C
D
E
F
1
234567
GND
A17
A10
A14
A16
A15
I/O6
I/O7
NC
A13
A11
A12
VCC
I/O4
I/O5
A9
WE
A8
VCC
NC
NC
NC
NC
NC
I/O2
NC
I/O3
NC
A7
A18
OE
I/O0
I/O1
A6
A4
A5
GND
CE
A0
A3
A1
A2
PLCC Top View
V - TSOP Top View (8 x 14 mm) or
T - TSOP Top View (8 x 20 mm)
(continued)


Similar Part No. - AT49LV040T-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV040 ATMEL-AT49LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV040-70JC ATMEL-AT49LV040-70JC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV040-70JI ATMEL-AT49LV040-70JI Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV040-70TC ATMEL-AT49LV040-70TC Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV040-70TI ATMEL-AT49LV040-70TI Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results

Similar Description - AT49LV040T-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
   4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
   4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV512 ATMEL-AT49BV512 Datasheet
118Kb / 11P
   512K 64K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com