Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV002N-70JC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49LV002N-70JC
Description  2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV002N-70JC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49LV002N-70JC Datasheet HTML 6Page - ATMEL Corporation AT49LV002N-70JC Datasheet HTML 7Page - ATMEL Corporation AT49LV002N-70JC Datasheet HTML 8Page - ATMEL Corporation AT49LV002N-70JC Datasheet HTML 9Page - ATMEL Corporation AT49LV002N-70JC Datasheet HTML 10Page - ATMEL Corporation AT49LV002N-70JC Datasheet HTML 11Page - ATMEL Corporation AT49LV002N-70JC Datasheet HTML 12Page - ATMEL Corporation AT49LV002N-70JC Datasheet HTML 13Page - ATMEL Corporation AT49LV002N-70JC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AT49BV/LV002(N)(T)
10
Notes:
1. These parameters are characterized and not 100% tested.
2. See t
OE spec in AC Read Characteristics.
DATA Polling Waveforms
Notes:
1. These parameters are characterized and not 100% tested.
2. See t
OE spec in AC Read Characteristics.
Toggle Bit Waveforms(1)(2)(3)
Notes:
1.
Toggling either OE or CE or both OE and CE will operate toggle bit.
The t
OEHP specification must be met by the toggling input(s).
2.
Beginning and ending state of I/O6 will vary.
3.
Any address location may be used but the address should not vary.
Data Polling Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
DH
Data Hold Time
10
ns
t
OEH
OE Hold Time
10
ns
t
OE
OE to Output Delay(2)
ns
t
WR
Write Recovery Time
0
ns
HIGH Z
An
An
An
An
An
WE
CE
OE
I/O7
A0-A17
tOEH
tOE
tDH
tWR
Toggle Bit Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
DH
Data Hold Time
10
ns
t
OEH
OE Hold Time
10
ns
t
OE
OE to Output Delay(2)
ns
t
OEHP
OE High Pulse
150
ns
t
WR
Write Recovery Time
0
ns
WE
CE
OE
I/O6
tOEH
HIGH Z
tDH
tOE
tWR
tOEHP


Similar Part No. - AT49LV002N-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV002N ATMEL-AT49LV002N Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV002NT ATMEL-AT49LV002NT Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results

Similar Description - AT49LV002N-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
   2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com