Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIL10J1R8M Datasheet(PDF) 6 Page - Samsung semiconductor

Part # CIL10J1R8M
Description  Chip Inductor CIL Series General Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIL10J1R8M Datasheet(HTML) 6 Page - Samsung semiconductor

  CIL10J1R8M Datasheet HTML 1Page - Samsung semiconductor CIL10J1R8M Datasheet HTML 2Page - Samsung semiconductor CIL10J1R8M Datasheet HTML 3Page - Samsung semiconductor CIL10J1R8M Datasheet HTML 4Page - Samsung semiconductor CIL10J1R8M Datasheet HTML 5Page - Samsung semiconductor CIL10J1R8M Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
42
43
100000
10000
1000
100
10
10
100
1000
1
FREQUENCY(MHZ)
DC BIAS(mA)
100
60
80
40
20
1
10
100
1000
0.1
FREQUENCY(MHZ)
10
μ
H
1.0
μ
H
0.1
μ
H
10
μ
H
1.0
μ
H
0.1
μ
H
100
10
1
0.1
10
100
1000
1
10
μ
H
1
μ
H
0.1
μ
H
TEMPERATURE(
℃)
16
-16
12
8
4
-12
-25
0
25
50
75
-8
-4
0.1
μ
H
10
μ
H
1.0
μ
H
1.0
μ
H
10
μ
H
0.1
μ
H
TEMPERATURE(
℃)
16
-16
12
8
4
-12
-25
0
25
50
75
-8
-4
0.82
μ
H
8.2
μ
H
4.7
μ
H
15
μ
H
DC BIAS(mA)
100
10
1
0.1
10
100
1000
1
15
μ
H
8.2
μ
H
4.7
μ
H
0.82
μ
H
IMPEDANCE CHARACTERISTICS
Q CHARACTERISTICS
DC BIAS CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
DC BIAS CHARACTERISTICS
CIL 3216(1206) Type
100000
10000
1000
100
10
10
100
1000
1
FREQUENCY(MHZ)
80
60
40
20
0
1
10
100
1000
0.1
FREQUENCY(MHZ)
22
μ
H
10
μ
H
1.0
μ
H
0.1
μ
H
22
μ
H
10
μ
H
1.0
μ
H
0.1
μ
H
IMPEDANCE CHARACTERISTICS
Q CHARACTERISTICS
CIL 2012(0805) Type


Similar Part No. - CIL10J1R8M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL10J1R8M SAMSUNG-CIL10J1R8M Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
More results

Similar Description - CIL10J1R8M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL10J1R5KNC SAMSUNG-CIL10J1R5KNC Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
CIL21J1R0KNE SAMSUNG-CIL21J1R0KNE Datasheet
793Kb / 6P
   Chip Inductor; CIL Series
logo
Murata Manufacturing Co...
LQM21NN3R3K10L MURATA-LQM21NN3R3K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQM21NN4R7K10L MURATA-LQM21NN4R7K10L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
L0075S0092LQM21N MURATA-L0075S0092LQM21N Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) for General Use Multilayer Type
LQH31MNR15K03D MURATA-LQH31MNR15K03D Datasheet
67Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH31M Series
LQH32MN330K23L MURATA-LQH32MN330K23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH32MN680J23L MURATA-LQH32MN680J23L Datasheet
81Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type
LQH43MN1R0M03L MURATA-LQH43MN1R0M03L Datasheet
70Kb / 3P
   Chip Inductor (Chip Coil) for General Use Wire Wound Type LQH43M/LQH43N Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com