Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89S53 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89S53
Description  8-Bit Microcontroller with 12K Bytes Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S53 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89S53 Datasheet HTML 1Page - ATMEL Corporation AT89S53 Datasheet HTML 2Page - ATMEL Corporation AT89S53 Datasheet HTML 3Page - ATMEL Corporation AT89S53 Datasheet HTML 4Page - ATMEL Corporation AT89S53 Datasheet HTML 5Page - ATMEL Corporation AT89S53 Datasheet HTML 6Page - ATMEL Corporation AT89S53 Datasheet HTML 7Page - ATMEL Corporation AT89S53 Datasheet HTML 8Page - ATMEL Corporation AT89S53 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
4-217
Features
Compatible with MCS-51™ Products
12K Bytes of In-System Reprogrammable Downloadable Flash Memory
– SPI Serial Interface for Program Downloading
– Endurance: 1,000 Write/Erase Cycles
4.0V to 6V Operating Range
Fully Static Operation: 0 Hz to 24 MHz
Three-Level Program Memory Lock
256 x 8-bit Internal RAM
32 Programmable I/O Lines
Three 16-bit Timer/Counters
Nine Interrupt Sources
Programmable UART Serial Channel
SPI Serial Interface
Low Power Idle and Power Down Modes
Interrupt Recovery From Power Down
Programmable Watchdog Timer
Dual Data Pointer
Power Off Flag
Description
The AT89S53 is a low-power, high-performance CMOS 8-bit microcomputer with 12K
bytes of Downloadable Flash programmable and erasable read only memory. The
device is manufactured using Atmel’s high density nonvolatile memory technology
and is compatible with the industry standard 80C51 instruction set and pinout. The on-
chip Downloadable Flash allows the program memory to be reprogrammed in-system
through an SPI serial interface or by a conventional nonvolatile memory programmer.
By combining a versatile 8-bit CPU with Downloadable Flash on a monolithic chip, the
Atmel AT89S53 is a powerful microcomputer which provides a highly flexible and cost
effective solution to many embedded control applications.
The AT89S53 provides the following standard features: 12K bytes of Downloadable
Flash, 256 bytes of RAM, 32 I/O lines, programmable watchdog timer, two Data Point-
ers, three 16-bit timer/counters, a six-vector two-level interrupt architecture, a full
duplex serial port, on-chip oscillator, and clock circuitry. In addition, the AT89S53 is
designed with static logic for operation down to zero frequency and supports two soft-
ware selectable power saving modes. The Idle Mode stops the CPU while allowing
the RAM, timer/counters, serial port, and interrupt system to continue functioning. The
Power Down Mode saves the RAM contents but freezes the oscillator, disabling all
other chip functions until the next interrupt or hardware reset.
The Downloadable Flash can be changed a single byte at a time and is accessible
through the SPI serial interface. Holding RESET active forces the SPI bus into a serial
programming interface and allows the program memory to be written to or read from
unless Lock Bit 2 has been activated.
0787B-B–12/97
8-Bit
Microcontroller
with 12K Bytes
Flash
AT89S53


Similar Part No. - AT89S53

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S53 ATMEL-AT89S53 Datasheet
637Kb / 35P
   8-bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53 Datasheet
448Kb / 33P
   8-bit Microcontroller with 12K Bytes Flash
logo
List of Unclassifed Man...
AT89S53 ETC2-AT89S53 Datasheet
501Kb / 26P
   State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
logo
ATMEL Corporation
AT89S53-24AC ATMEL-AT89S53-24AC Datasheet
637Kb / 35P
   8-bit Microcontroller with 12K Bytes Flash
AT89S53-24AC ATMEL-AT89S53-24AC Datasheet
448Kb / 33P
   8-bit Microcontroller with 12K Bytes Flash
More results

Similar Description - AT89S53

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53 Datasheet
490Kb / 31P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_06 Datasheet
637Kb / 35P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53_06 Datasheet
685Kb / 35P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253 Datasheet
961Kb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
   8-bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com