Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT87F51-20AI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT87F51-20AI
Description  8-Bit Microcontroller with 4K Bytes QuickFlash
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87F51-20AI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT87F51-20AI Datasheet HTML 6Page - ATMEL Corporation AT87F51-20AI Datasheet HTML 7Page - ATMEL Corporation AT87F51-20AI Datasheet HTML 8Page - ATMEL Corporation AT87F51-20AI Datasheet HTML 9Page - ATMEL Corporation AT87F51-20AI Datasheet HTML 10Page - ATMEL Corporation AT87F51-20AI Datasheet HTML 11Page - ATMEL Corporation AT87F51-20AI Datasheet HTML 12Page - ATMEL Corporation AT87F51-20AI Datasheet HTML 13Page - ATMEL Corporation AT87F51-20AI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Not
10
AC Characteristics
(Under Operating Conditions; Load Capacitance for Port 0, ALE/PROG, and PSEN = 100 pF; Load Capacitance for all other
outputs = 80 pF)
External Program and Data Memory Characteristics
Symbol
Parameter
12 MHz Oscillator
Variable Oscillator
Units
Min
Max
Min
Max
1/tCLCL
Oscillator Frequency
0
24
MHz
tLHLL
ALE Pulse Width
127
2tCLCL-40
ns
tAVLL
Address Valid to ALE Low
43
tCLCL-13
ns
tLLAX
Address Hold After ALE Low
48
tCLCL-20
ns
tLLIV
ALE Low to Valid Instruction In
233
4tCLCL-65
ns
tLLPL
ALE Low to PSEN Low
43
tCLCL-13
ns
tPLPH
PSEN Pulse Width
205
3tCLCL-20
ns
tPLIV
PSEN Low to Valid Instruction In
145
3tCLCL-45
ns
tPXIX
Input Instruction Hold After PSEN
00
ns
tPXIZ
Input Instruction Float After PSEN
59
tCLCL-10
ns
tPXAV
PSEN to Address Valid
75
tCLCL-8
ns
tAVIV
Address to Valid Instruction In
312
5tCLCL-55
ns
tPLAZ
PSEN Low to Address Float
10
10
ns
tRLRH
RD Pulse Width
400
6tCLCL-100
ns
tWLWH
WR Pulse Width
400
6tCLCL-100
ns
tRLDV
RD Low to Valid Data In
252
5tCLCL-90
ns
tRHDX
Data Hold After RD
00
ns
tRHDZ
Data Float After RD
97
2tCLCL-28
ns
tLLDV
ALE Low to Valid Data In
517
8tCLCL-150
ns
tAVDV
Address to Valid Data In
585
9tCLCL-165
ns
tLLWL
ALE Low to RD or WR Low
200
300
3tCLCL-50
3tCLCL+50
ns
tAVWL
Address to RD or WR Low
203
4tCLCL-75
ns
tQVWX
Data Valid to WR Transition
23
tCLCL-20
ns
tQVWH
Data Valid to WR High
433
7tCLCL-120
ns
tWHQX
Data Hold After WR
33
tCLCL-20
ns
tRLAZ
RD Low to Address Float
0
0
ns
tWHLH
RD or WR High to ALE High
43
123
tCLCL-20
tCLCL+25
ns


Similar Part No. - AT87F51-20AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87F51RC ATMEL-AT87F51RC Datasheet
357Kb / 25P
   8-bit Microcontroller with 32K Bytes QuickFlash
AT87F51 ATMEL-AT87F51_14 Datasheet
139Kb / 16P
   Three-Level Program Memory Lock
More results

Similar Description - AT87F51-20AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80F51 ATMEL-AT80F51 Datasheet
106Kb / 12P
   8-Bit Microcontroller with 4K Bytes QuickFlash Memory
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
   8-bit Microcontroller with 20K Bytes QuickFlash?
AT87F52 ATMEL-AT87F52 Datasheet
224Kb / 22P
   8-Bit Microcontroller with 8K Bytes QuickFlash
AT87F51RC ATMEL-AT87F51RC Datasheet
357Kb / 25P
   8-bit Microcontroller with 32K Bytes QuickFlash
AT87LV52 ATMEL-AT87LV52 Datasheet
287Kb / 23P
   8-bit Microcontroller with 8K Bytes QuickFlash
AT80F52 ATMEL-AT80F52 Datasheet
157Kb / 19P
   8-Bit Microcontroller with 8K Bytes QuickFlash Memory
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT87LV51 ATMEL-AT87LV51 Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com