Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LV51-12JC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89LV51-12JC
Description  8-Bit Microcontroller with 4K Bytes Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LV51-12JC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89LV51-12JC Datasheet HTML 4Page - ATMEL Corporation AT89LV51-12JC Datasheet HTML 5Page - ATMEL Corporation AT89LV51-12JC Datasheet HTML 6Page - ATMEL Corporation AT89LV51-12JC Datasheet HTML 7Page - ATMEL Corporation AT89LV51-12JC Datasheet HTML 8Page - ATMEL Corporation AT89LV51-12JC Datasheet HTML 9Page - ATMEL Corporation AT89LV51-12JC Datasheet HTML 10Page - ATMEL Corporation AT89LV51-12JC Datasheet HTML 11Page - ATMEL Corporation AT89LV51-12JC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Not
4-52
Flash Programming and Verification Characteristics
TA = 0°C to 70°C, VCC = 5.0V ± 10%
Note:
1. Only used in 12-volt programming mode.
Symbol
Parameter
Min
Max
Units
VPP
(1)
Programming Enable Voltage
11.5
12.5
V
IPP
(1)
Programming Enable Current
25
µA
1/tCLCL
Oscillator Frequency
3
12
MHz
tAVGL
Address Setup to PROG Low
48tCLCL
tGHAX
Address Hold After PROG
48tCLCL
tDVGL
Data Setup to PROG Low
48tCLCL
tGHDX
Data Hold After PROG
48tCLCL
tEHSH
P2.7 (ENABLE) High to VPP
48t CLCL
tSHGL
VPP Setup to PROG Low
10
µs
tGHSL
(1)
VPP Hold After PROG
10
µs
tGLGH
PROG Width
1
110
µs
tAVQV
Address to Data Valid
48t CLCL
tELQV
ENABLE Low to Data Valid
48tCLCL
tEHQZ
Data Float After ENABLE
048tCLCL
tGHBL
PROG High to BUSY Low
1.0
µs
tWC
Byte Write Cycle Time
2.0
ms


Similar Part No. - AT89LV51-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LV51-12JC ATMEL-AT89LV51-12JC Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89LV51-12JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
265Kb / 19P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com