Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT87F52-20JC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT87F52-20JC
Description  8-Bit Microcontroller with 8K Bytes QuickFlash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87F52-20JC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT87F52-20JC Datasheet HTML 1Page - ATMEL Corporation AT87F52-20JC Datasheet HTML 2Page - ATMEL Corporation AT87F52-20JC Datasheet HTML 3Page - ATMEL Corporation AT87F52-20JC Datasheet HTML 4Page - ATMEL Corporation AT87F52-20JC Datasheet HTML 5Page - ATMEL Corporation AT87F52-20JC Datasheet HTML 6Page - ATMEL Corporation AT87F52-20JC Datasheet HTML 7Page - ATMEL Corporation AT87F52-20JC Datasheet HTML 8Page - ATMEL Corporation AT87F52-20JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
PLCC
ALE/PR OG
EA/VPP
(RX D )
P 3.0
P0.7
( A D7)
P2.6
(A14)
P0.6
( A D6)
P0.5
( A D5)
P0.4
( A D4)
PSEN
(INT0)
P3.2
(TX D )
P 3.1
(T1)
P 3 .5
(INT1)
P3.3
(T0)
P 3 .4
P2.7
(A15)
23
1
RST
I NDEX
CORNER
NC
P2.5
(A13)
34
NC
42
43
40
41
6
5
44 4
3
2
26
25
28
27
18
19
20
24
21
22
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
33
32
31
P1.5
P1.6
P1.7
Features
Compatible with MCS-51™ Products
8K Bytes of User Programmable QuickFlash™ Memory
Fully Static Operation: 0 Hz to 24 MHz
Three-Level Program Memory Lock
256 x 8-Bit Internal RAM
32 Programmable I/O Lines
Three 16-Bit Timer/Counters
Eight Interrupt Sources
Programmable Serial Channel
Low Power Idle and Power Down Modes
Description
The AT87F52 is a low-power, high-performance CMOS 8-bit microcomputer with 8K
bytes of QuickFlash programmable read only memory. The device is manufactured
using Atmel’s high density nonvolatile memory technology and is compatible with the
industry standard 80C51 and 80C52 instruction set and pinout. The on-chip Quick-
Flash allows the program memory to be user programmed by a conventional nonvola-
tile memory programmer. By combining a versatile 8-bit CPU with QuickFlash on a
monolithic chip, the Atmel AT87F52 is a powerful microcomputer which provides a
highly flexible and cost effective solution to many embedded control applications.
Rev. 1011A–02/98
8-Bit
Microcontroller
with 8K Bytes
QuickFlash
AT87F52
PDIP
(T2)
P 1 .0
V CC
( T 2
EX)
P1.1
P0.0
( A D0)
P1.2
(INT0)
P3.2
ALE/PR OG
(RD)
P3.7
P2.3
(A11)
(TX D )
P 3.1
EA/VPP
(WR)
P3.6
P2.4
(A12)
(RX D )
P 3.0
P0.7
( A D7)
(T1)
P 3 .5
P2.6
(A14)
RST
P0.6
( A D6)
P0.5
( A D5)
P0.4
( A D4)
P0.3
( A D3)
P0.2
( A D2)
P1.3
P0.1
( A D1)
(INT1)
P3.3
PSEN
XTAL2
P 2.2
( A10)
(T0)
P 3 .4
P2.7
(A15)
XTAL1
P 2.1
( A9)
GND
P 2.0
( A 8 )
P2.5
(A13)
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
21
22
23
24
25
26
40
39
38
37
36
35
34
33
32
31
30
29
28
27
P1.4
P1.5
P1.6
P1.7
Pin Configurations
TQFP
23
1
I NDEX
CORNER
34
42
43
40
41
6
5
4
44
3
2
26
25
28
27
24
18
19
20
21
22
NC
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
33
32
31
NC
PSEN
ALE/PR OG
EA/VPP
(RX D )
P 3.0
P0.7
( A D7)
P2.6
(A14)
P0.6
( A D6)
P0.5
( A D5)
P0.4
( A D4)
(INT0)
P3.2
(TX D )
P 3.1
(T1)
P 3 .5
(INT1)
P3.3
(T0)
P 3 .4
P2.7
(A15)
RST
P2.5
(A13)
P1.5
P1.6
P1.7
(continued)


Similar Part No. - AT87F52-20JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87F52 ATMEL-AT87F52_14 Datasheet
192Kb / 24P
   Three-Level Program Memory Lock
More results

Similar Description - AT87F52-20JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87LV52 ATMEL-AT87LV52 Datasheet
287Kb / 23P
   8-bit Microcontroller with 8K Bytes QuickFlash
AT80F52 ATMEL-AT80F52 Datasheet
157Kb / 19P
   8-Bit Microcontroller with 8K Bytes QuickFlash Memory
AT87F51 ATMEL-AT87F51 Datasheet
170Kb / 15P
   8-Bit Microcontroller with 4K Bytes QuickFlash
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
   8-bit Microcontroller with 20K Bytes QuickFlash?
AT87F51RC ATMEL-AT87F51RC Datasheet
357Kb / 25P
   8-bit Microcontroller with 32K Bytes QuickFlash
AT80F51 ATMEL-AT80F51 Datasheet
106Kb / 12P
   8-Bit Microcontroller with 4K Bytes QuickFlash Memory
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
   8-bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
   8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
   8-Bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com