Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIM05J471 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CIM05J471
Description  Chip Bead CIB/CIM Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM05J471 Datasheet(HTML) 2 Page - Samsung semiconductor

  CIM05J471 Datasheet HTML 1Page - Samsung semiconductor CIM05J471 Datasheet HTML 2Page - Samsung semiconductor CIM05J471 Datasheet HTML 3Page - Samsung semiconductor CIM05J471 Datasheet HTML 4Page - Samsung semiconductor CIM05J471 Datasheet HTML 5Page - Samsung semiconductor CIM05J471 Datasheet HTML 6Page - Samsung semiconductor CIM05J471 Datasheet HTML 7Page - Samsung semiconductor CIM05J471 Datasheet HTML 8Page - Samsung semiconductor CIM05J471 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
6
7
Electrical Characteristics
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIM 03N 300
CIM 03N 800
CIM 03U 800
CIM 03U 121
CIM 03U 241
CIM 03J 121
CIM 03J 241
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
30
80
80
120
240
120
240
0.8
1.2
0.5
0.8
1.0
0.8
1.0
150
100
200
200
100
200
100
CIM 0603(0201) Type
CIM03U241
200
400
1M
10M
100M
1G
0
FREQUENCY(Hz)
Z
R
X
CIM03U121
300
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIM03J241
600
1M
10M
100M
1G
200
400
0
FREQUENCY(Hz)
Z
R
X
CIM03J121
400
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
CIM03N300
200
300
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIM03N800
1M
10M
100M
1G
200
400
600
800
0
FREQUENCY(Hz)
Z
R
X
CIM03U800
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X


Similar Part No. - CIM05J471

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM05J471 SAMSUNG-CIM05J471 Datasheet
4Mb / 31P
   MULTILAYER CHIP COMPONENTS
CIM05J471 SAMSUNG-CIM05J471 Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
More results

Similar Description - CIM05J471

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM21J601NE SAMSUNG-CIM21J601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series
CIB21P260NE SAMSUNG-CIB21P260NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM31U601NE SAMSUNG-CIM31U601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series For EMI Suppression
CIB32P600NE SAMSUNG-CIB32P600NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
CIM10J301NC SAMSUNG-CIM10J301NC Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series For EMI Suppression
logo
Powerex Power Semicondu...
CP10TD1-24A POWEREX-CP10TD1-24A Datasheet
336Kb / 6P
   DIP-CIB
logo
Bourns Electronic Solut...
MH2029_MDS BOURNS-MH2029_MDS Datasheet
232Kb / 1P
   Ferrite Chip Bead Series
MH4516_MDS BOURNS-MH4516_MDS Datasheet
214Kb / 1P
   Ferrite Chip Bead Series
MH1608_MDS BOURNS-MH1608_MDS Datasheet
214Kb / 1P
   Ferrite Chip Bead Series
MH3261_MDS BOURNS-MH3261_MDS Datasheet
217Kb / 1P
   Ferrite Chip Bead Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com