Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIM21J471 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # CIM21J471
Description  MULTILAYER CHIP COMPONENTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM21J471 Datasheet(HTML) 4 Page - Samsung semiconductor

  CIM21J471 Datasheet HTML 1Page - Samsung semiconductor CIM21J471 Datasheet HTML 2Page - Samsung semiconductor CIM21J471 Datasheet HTML 3Page - Samsung semiconductor CIM21J471 Datasheet HTML 4Page - Samsung semiconductor CIM21J471 Datasheet HTML 5Page - Samsung semiconductor CIM21J471 Datasheet HTML 6Page - Samsung semiconductor CIM21J471 Datasheet HTML 7Page - Samsung semiconductor CIM21J471 Datasheet HTML 8Page - Samsung semiconductor CIM21J471 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIB 21P 110
CIB 21P 150
CIB 21P 260
CIB 21P 330
CIB 21P 470
CIM 21U 800
CIM 21U 101
CIM 21U 121
CIM 21U 151
CIM 21U 241
CIM 21U 301
CIM 21U 471
CIM 21U 601
CIM 21U 102
CIM 21U 202
CIB 21J 260
CIB 21J 400
CIM 21J 600
CIM 21J 800
CIM 21J 121
CIM 21J 151
CIM 21J 241
CIM 21J 301
CIM 21J 471
CIM 21J 601
CIM 21J 102
CIM 21J 152
CIM 21J 182
CIM 21J 202
CIM 21K 152
CIM 21K 252
CIM 21N 700
CIM 21N 121
CIM 21N 241
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
0.9
±0.2
11
15
26
33
47
80
100
120
150
240
300
470
600
1000(at 70MHz)
2000(at 70MHz)
26
40
60
80
120
150
240
300
470
600
1000
1500(at 70MHz)
1800(at 70MHz)
2000(at 70MHz)
1500
2500
70
120
240
0.05
0.05
0.05
0.05
0.05
0.10
0.10
0.10
0.15
0.15
0.15
0.25
0.30
0.45
0.70
0.05
0.05
0.08
0.08
0.15
0.15
0.20
0.25
0.25
0.25
0.40
0.55
0.45
0.50
0.45
0.80
0.20
0.25
0.3
2000
2000
2000
1500
1500
900
500
500
400
400
400
400
400
400
300
2000
2000
900
900
600
500
400
400
400
400
400
300
300
300
300
250
600
500
400
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIB 31P 260
CIB 31P 310
CIB 31P 500
CIB 31P 700
CIM 31U 101
CIM 31U 601
CIM 31J 151
CIM 31J 221
CIM 31J 301
CIM 31J 601
CIM 31J 801
CIM 31J 102
CIM 31J 152
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
1.1
±0.2
0.05
0.05
0.05
0.1
0.15
0.3
0.2
0.2
0.25
0.3
0.4
0.45
0.55
2000
2000
2000
1500
500
400
500
400
400
400
400
400
300
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIB 10P 260
CIB 10P 330
CIM 10U 121
CIM 10U 241
CIM 10U 471
CIM 10U 601
CIM 10U 102
CIM 10U 202
CIM 10 J 400
CIM 10 J 600
CIM 10 J 800
CIM 10 J 121
CIM 10 J 151
CIM 10 J 241
CIM 10 J 471
CIM 10 J 601
CIM 10 J 751
CIM 10 J 102
CIM 10 J 152
CIM 10 K 152
CIM 10 K 202
CIM 10 K 252
CIM 10 N 700
CIM 10 N 121
CIM 10 N 241
CIM 10 F 600
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
0.8
±0.15
26
33
120
240
470
600
1000
2000(at 70MHz)
40
60
80
120
150
240
470
600
750
1000
1500
1500
2000
2500
70
120
240
60
0.08
0.08
0.15
0.30
0.35
0.45
0.60
1.20
0.12
0.12
0.20
0.20
0.20
0.30
0.35
0.45
0.55
0.70
1.00
0.80
1.00
1.20
0.30
0.45
0.60
0.70
1000
1000
500
400
300
300
250
200
600
600
550
500
400
400
300
300
300
250
250
250
200
200
500
400
300
200
CIB/CIM 1608(0603) Type
CIB/CIM 2012(0805) Type
CIB/CIM 3216(1206) Type
6
7
26
31
50
70
10
600
150
220
300
600
800
1000
1500(at 70MHz)


Similar Part No. - CIM21J471

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM21J202NE SAMSUNG-CIM21J202NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series
CIM21J601NE SAMSUNG-CIM21J601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series
More results

Similar Description - CIM21J471

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD21920MDP1A048 MURATA-LFD21920MDP1A048 Datasheet
52Kb / 2P
   Microwave Components Chip Multilayer Diplexers
logo
AVX Corporation
08055A561JAT2A AVX-08055A561JAT2A Datasheet
115Kb / 4P
   Packaging of Chip Components
logo
Allied Components Inter...
MLC10-R022M-RC ALLIED-MLC10-R022M-RC Datasheet
365Kb / 1P
   Multilayer Chip Inductors
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
Taiyo Yuden (U.S.A.), I...
CK1608100M-T TAIYO-YUDEN-CK1608100M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CKS21251R0M-T TAIYO-YUDEN-CKS21251R0M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R22M-T TAIYO-YUDEN-CK2125R22M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21254R7M-T TAIYO-YUDEN-CK21254R7M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com