Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIH05T4N7S Datasheet(PDF) 1 Page - Samsung semiconductor

Part # CIH05T4N7S
Description  Multilayer High Frequency inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIH05T4N7S Datasheet(HTML) 1 Page - Samsung semiconductor

  CIH05T4N7S Datasheet HTML 1Page - Samsung semiconductor CIH05T4N7S Datasheet HTML 2Page - Samsung semiconductor CIH05T4N7S Datasheet HTML 3Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver 201207
Part No.
Inductance
(nH)
@100MHz
Q
(min)
100MHz
Q(typical.)
SRF
(MHz)
Min
DC resistance
(Ω) Max.
Rated
current
(mA) Max.
500
MHz
800
MHz
1.8GHz 2.0GHz 2.4GHz
CIH05T1N0□
1.0±0.2nH,0.3nH
8
23
29
48
50
56
10000
0.12
300
CIH05T1N2□
1.2±0.2nH,0.3nH
8
23
29
48
50
56
10000
0.12
300
CIH05T1N5□
1.5±0.2nH,0.3nH
8
23
2947
5056
6000
0.13
300
CIH05T1N8□
1.8±0.2nH,0.3nH
8
20
2641
4349
6000
0.14
300
CIH05T2N0□
2.0±0.2nH,0.3nH
8
22
27
44
47
52
6000
0.16
300
CIH05T2N2□
2.2±0.2nH,0.3nH
8
22
2744
4752
6000
0.16
300
CIH05T2N4□
2.4±0.2nH,0.3nH
8
22
2744
4752
6000
0.16
300
CIH05T2N7□
2.7±0.2nH,0.3nH
8
22
2743
4550
6000
0.17
300
CIH05T3N0□
3.0± 0.2nH,0.3nH
8
24
3046
4853
6000
0.19
300
CIH05T3N3□
3.3±0.2nH,0.3nH
8
24
3046
4853
6000
0.19
300
CIH05T3N6□
3.6±0.2nH,0.3nH
8
24
3046
4853
6000
0.19
300
CIH05T3N9□
3.9±0.2nH,0.3nH
8
22
2843
4550
4000
0.22
300
CIH05T4N3□
4.3±0.2nH,0.3nH
8
22
2843
4550
4000
0.24
300
CIH05T4N7□
4.7±0.2nH,0.3nH
8
23
3045
4750
4000
0.24
300
CIH05T5N1□
5.1±0.2nH,0.3nH
8
22
2842
4345
4000
0.27
300
CIH05T5N6□
5.6±0.2nH,0.3nH
8
22
2842
4345
4000
0.27
300
CIH05T6N2□
6.2±0.2nH,0.3nH
8
22
2840
4141
3900
0.32
300
CIH05T6N8□
6.8±5%, 10%
8
22
28
40
41
41
3900
0.32
300
CIH05T7N5□
7.5±5%, 10%
8
22
28
38
38
36
3600
0.37
300
CIH05T8N2□
8.2±5%, 10%
8
22
28
38
38
36
3600
0.37
300
CIH05T9N1□
9.1±5%, 10%
8
22
28
37
36
31
3200
0.42
300
CIH05T10N□
10.0±5%, 10%
8
22
28
37
36
31
3200
0.42
300
FEATURES
APPLICATION
Mobile communication systems, noise suppression
at high frequency and Impedance matching.
DIMENSION
Type
Dimension [mm]
L
W
t
d
05
1.0±0.05 0.5±0.05 0.5±0.05. 0.25±0.1
DESCRIPTION
Multilayer High Frequency inductor
RECOMMENDED LAND PATTERN
CIH05T Series (1005/ EIA 0402)
 Lowest value of specific resistivity, good property of Q
and high SRF.
 Possible to use at range above 100MHz
 Monolithic structure for high reliability.
 Do not contain lead and support lead-free soldering.
 RoHS compliant
0.45~
0.55mm
1.25~1.55mm
0.45~0.55mm


Similar Part No. - CIH05T4N7S

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIH05T4N7K SAMSUNG-CIH05T4N7K Datasheet
753Kb / 4P
   Chip Inductor CIH Series High Frequency Type
More results

Similar Description - CIH05T4N7S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSMH-2012 ETC2-LSMH-2012 Datasheet
26Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1608 CALIBER-LSMH-1608 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
LSMH-2012 CALIBER-LSMH-2012 Datasheet
27Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1608 ETC2-LSMH-1608 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSMH-1005 CALIBER-LSMH-1005 Datasheet
25Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
List of Unclassifed Man...
LSMH-1005 ETC2-LSMH-1005 Datasheet
24Kb / 1P
   High Frequency Multilayer Chip Inductor
logo
Taiyo Yuden (U.S.A.), I...
HK10053N9J TAIYO-YUDEN-HK10053N9J Datasheet
107Kb / 2P
   MULTILAYER CHIP INDUCTOR FOR HIGH FREQUENCY HK SERIES
logo
Murata Manufacturing Co...
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HN1N0S02D MURATA-LQG15HN1N0S02D Datasheet
51Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com