Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIM21U202 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # CIM21U202
Description  MULTILAYER CHIP COMPONENTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM21U202 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button CIM21U202 Datasheet HTML 7Page - Samsung semiconductor CIM21U202 Datasheet HTML 8Page - Samsung semiconductor CIM21U202 Datasheet HTML 9Page - Samsung semiconductor CIM21U202 Datasheet HTML 10Page - Samsung semiconductor CIM21U202 Datasheet HTML 11Page - Samsung semiconductor CIM21U202 Datasheet HTML 12Page - Samsung semiconductor CIM21U202 Datasheet HTML 13Page - Samsung semiconductor CIM21U202 Datasheet HTML 14Page - Samsung semiconductor CIM21U202 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LW
t
d
1.0
±0.05
1.6
±0.15
2.0
±0.2
3.2
±0.2
3.2
±0.2
4.5
±0.2
4.5
±0.2
SIZE CODE
0.5
±0.05
0.8
±0.15
1.25
±0.2
1.6
±0.2
2.5
±0.2
1.6
±0.2
3.2
±0.2
0.5
±0.05
0.8
±0.15
0.9
±0.2
1.1
±0.2
1.3
±0.2
1.6
±0.2 / 1.2±0.2
1.5
±0.2
0.25
±0.1
0.3
±0.2
0.5
+0.2,-0.3
0.5
+0.2,-0.3
0.5
±0.3
0.5
±0.3
0.5
±0.3
05
10
21
31
32
41
43
(1) Chip Beads
(2) C: For high current ~3A, S: Ultra high current ~6A
(3) Dimension
(4) Material Code(J, P)
(5) Nominal impedance(310: 31
Ω, 121: 120Ω)
(6) Thickness option(N: Standard, A: Thinner than standard, B: Thicker than standard)
(7) Packaging(C: paper tape, E: embossed tape)
CI
C
05
P
300
N
C
L
W
t
d
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Unit : mm
Ferrite Body
External Electrode
The CIC/CIS Series can be used in high current owing to their low DC resistance.
They can match power lines to a maximum of 6A DC.
Part Numbering
•The smallest beads used for high current.
(CIC: ~3A, CIS: ~6A)
Feature
•Suppression of noise in power line
Application
Dimensions
Chip Bead ; CIC/CIS Series
For High Current
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIC 05P 300
CIC 05P 600
CIC 05P 121
CIC 05J 600
0.50
±0.05
0.50
±0.05
0.50
±0.05
0.50
±0.05
30
60
120
60
0.05
0.09
0.09
0.09
1500
1500
1500
1500
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIC 10P 080
CIC 10P 220
CIC 10P 300
CIC 10P 600
CIC 10P 121
CIC 10P 181
CIC 10P 221
CIC 10P 301
CIC 10P 331
CIC 10J 080
CIC 10J 300
CIC 10J 600
CIC 10J 121
CIC 10J 221
CIC 10J 301
CIC 10J 471
CIC 10J 601
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
8
22
30
60
120
180
220
300
330
8
30
60
120
220
300
470
600
0.02
0.025
0.025
0.05
0.05
0.09
0.09
0.15
0.15
0.02
0.03
0.05
0.05
0.10
0.15
0.15
0.15
3000
3000
3000
2000
2000
1500
1000
750
1200
3000
2000
2000
2000
1500
800
800
750
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIC 21P 110
CIC 21P 300
CIC 21P 600
CIC 21P 101
CIC 21P 121
CIC 21P 221
CIC 21J 600
CIC 21J 121
CIC 21J 221
CIC 21J 301
CIC 21J 471
CIC 21J 60
0.90
±0.2
0.90
±0.2
0.90
±0.2
0.90
±0.2
0.90
±0.2
0.90
±0.2
0.90
±0.2
0.90
±0.2
0.90
±0.2
0.90
±0.2
0.90
±0.2
0.90
±0.2
11
30
60
100
120
220
60
120
220
300
470
600
0.01
0.015
0.025
0.04
0.05
0.05
0.03
0.05
0.05
0.10
0.08
0.15
6000
3000
3000
2000
2000
2000
2500
2500
1500
1500
1500
1000
CIC 1005(0402) Type
CIC 1608(0603) Type
CIC 2012(0805) Type
20
21


Similar Part No. - CIM21U202

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM21J202NE SAMSUNG-CIM21J202NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series
CIM21J601NE SAMSUNG-CIM21J601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series
More results

Similar Description - CIM21U202

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD21920MDP1A048 MURATA-LFD21920MDP1A048 Datasheet
52Kb / 2P
   Microwave Components Chip Multilayer Diplexers
logo
AVX Corporation
08055A561JAT2A AVX-08055A561JAT2A Datasheet
115Kb / 4P
   Packaging of Chip Components
logo
Allied Components Inter...
MLC10-R022M-RC ALLIED-MLC10-R022M-RC Datasheet
365Kb / 1P
   Multilayer Chip Inductors
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
Taiyo Yuden (U.S.A.), I...
CK1608100M-T TAIYO-YUDEN-CK1608100M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CKS21251R0M-T TAIYO-YUDEN-CKS21251R0M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R22M-T TAIYO-YUDEN-CK2125R22M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21254R7M-T TAIYO-YUDEN-CK21254R7M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com