Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIC41P221 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # CIC41P221
Description  Chip Bead CIC/CIS Series For High Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIC41P221 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button CIC41P221 Datasheet HTML 2Page - Samsung semiconductor CIC41P221 Datasheet HTML 3Page - Samsung semiconductor CIC41P221 Datasheet HTML 4Page - Samsung semiconductor CIC41P221 Datasheet HTML 5Page - Samsung semiconductor CIC41P221 Datasheet HTML 6Page - Samsung semiconductor CIC41P221 Datasheet HTML 7Page - Samsung semiconductor CIC41P221 Datasheet HTML 8Page - Samsung semiconductor CIC41P221 Datasheet HTML 9Page - Samsung semiconductor CIC41P221 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIC 41P 800
CIC 41P 121
CIC 41P 221
CIC 41P 301
CIC 41P 471
CIC 41P 601
CIC 41J 400
CIC 41J 800
CIC 41J 121
CIC 41J 221
CIC 41J 301
CIC 41J 471
CIC 41J 601
1.6
±0.2
1.6
±0.2
1.6
±0.2
1.6
±0.2
1.6
±0.2
1.6
±0.2
1.6
±0.2
1.6
±0.2
1.6
±0.2
1.6
±0.2
1.6
±0.2
1.6
±0.2
1.6
±0.2
80
120
220
300
470
600
40
80
120
220
300
470
600
0.01
0.025
0.05
0.05
0.05
0.08
0.01
0.01
0.03
0.04
0.04
0.04
0.04
3000
3000
2000
2000
2000
1500
3000
3000
3000
2500
2500
2500
2500
CIC 4516(1806) Type
CIC41P601
800
1M
10M
100M
1G
400
0
FREQUENCY(Hz)
Z
R
X
CIC41P221
300
1M
10M
100M
1G
100
200
0
FREQUENCY(Hz)
Z
R
X
CIC41P301
400
1M
10M
100M
1G
200
0
FREQUENCY(Hz)
Z
R
X
CIC41P471
600
1M
10M
100M
1G
200
400
0
FREQUENCY(Hz)
Z
R
X
CIC41P800
150
1M
10M
100M
1G
100
50
0
FREQUENCY(Hz)
Z
R
X
CIC41P121
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X


Similar Description - CIC41P221

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
   Chip Ferrite Bead for High Current
logo
ABC Taiwan Electronics ...
MB4532 ABC-MB4532 Datasheet
219Kb / 6P
   HIGH CURRENT MULTILAYER CHIP BEAD
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
TAI-TECH Advanced Elect...
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com