Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIM21U301 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # CIM21U301
Description  MULTILAYER CHIP COMPONENTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIM21U301 Datasheet(HTML) 3 Page - Samsung semiconductor

  CIM21U301 Datasheet HTML 1Page - Samsung semiconductor CIM21U301 Datasheet HTML 2Page - Samsung semiconductor CIM21U301 Datasheet HTML 3Page - Samsung semiconductor CIM21U301 Datasheet HTML 4Page - Samsung semiconductor CIM21U301 Datasheet HTML 5Page - Samsung semiconductor CIM21U301 Datasheet HTML 6Page - Samsung semiconductor CIM21U301 Datasheet HTML 7Page - Samsung semiconductor CIM21U301 Datasheet HTML 8Page - Samsung semiconductor CIM21U301 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
CIB Series
The CIB Series is composed of mono-layer internal conductor that allows low impedance and low DC resistance.
CIM Series
The CIM Series display high impedance because it is composed of a multilayered internal conductor and has excellent
attenuation characteristics for wide band frequencies.
(1) Chip Beads
(2) B:Mono-layer type, M:Multi-layer type
(3) Dimension
(4) Material Code
P,U:Broad impedance, especially suppresses noise in the 10~200MHz range
J :Suppresses noise in the 100~300MHz range
K :Suppresses noise in the 200MHz above
N :Suppresses noise in the 200~500MHz range
(5) Nominal impedance (110:11
Ω ; 121:120Ω)
(6) Thickness option(N:Standard , A:Thinner than standard , B:Thicker than standard)
(7) Packaging(C:paper tape, E:embossed tape)
Ferrite Body
External Electrode
CI
M
03
J
121
N
E
L
W
t
d
L
SIZE CODE
W
t
d
0.6
±0.03
1.0
±0.05
1.6
±0.15
2.0
±0.2
3.2
±0.2
3.2
±0.2
4.5
±0.2
4.5
±0.2
0.15
±0.05
0.25
±0.1
0.3
±0.2
0.5
+0.2,-0.3
0.5
+0.2,-0.3
0.5
±0.3
0.5
±0.3
0.5
±0.3
03
05
10
21
31
32
41
43
The CIB/CIM Series are used for EMI suppression filter. These beads suppress electro-magnetic wave noise by
increased impedance, especially by increased resistance at noise frequency.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Unit: mm
Part Numbering
•Smallest beads suitable for surface mounting
•Perfect shape for automatic mounting, with no directionality.
•Excellent solderability and high heat resistance for either flow or
reflow soldering.
•Monolithic inorganic material construction for high reliability.
•Closed magnetic circuit configuration avoids crosstalk and is suitable
for high density PCBs.
Feature
•High frequency EMI prevention application to computers, printers,
VCRs, TVs and portable telephones.
Application
Dimensions
4
5
Chip Bead ; CIB/CIM Series
For EMI Suppression
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIM 05U 100
CIM 05U 300
CIM 05U 600
CIM 05U 800
CIM 05U 121
CIM 05U 241
CIM 05U 301
CIM 05U 471
CIM 05U 601
CIM 05U 102
CIM 05 J 300
CIM 05 J 600
CIM 05 J 800
CIM 05 J 121
CIM 05 J 241
CIM 05 J 301
CIM 05 J 471
CIM 05 J 601
CIM 05 J 102
CIM 05 J 152
CIM 05 J 182
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
0.5
±0.05
10
30
60
80
120
240
300
470
600
1000
30
60
80
120
240
300
470
600
1000
1500
1800
0.05
0.10
0.15
0.20
0.25
0.35
0.45
0.55
0.60
1.00
0.20
0.20
0.25
0.30
0.35
0.45
0.55
0.60
0.80
1.00
1.40
1200
700
600
600
500
400
400
300
250
200
700
600
600
500
400
400
300
300
250
250
100
CIM 1005(0402) Type
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIM 03N 300
CIM 03N 800
CIM 03U 800
CIM 03U 121
CIM 03U 241
CIM 03U 471
CIM 03U 601
CIM 03J 121
CIM 03J 241
CIM 03J 471
CIM 03J 601
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
0.3
±0.03
30
80
80
120
240
470
600
120
240
470
600
0.8
1.2
0.5
0.8
1.0
1.8
2.0
0.8
1.0
1.8
2.0
150
100
200
200
100
100
100
200
100
50
50
CIM 0603(0201) Type
0.3
±0.03
0.5
±0.05
0.8
±0.15
1.25
±0.2
1.6
±0.2
2.5
±0.2
1.6
±0.2
3.2
±0.2
0.3
±0.03
0.5
±0.05
0.8
±0.15
0.9
±0.2
1.1
±0.2
1.3
±0.2
1.6
±0.2 / 1.2±0.2
1.5
±0.2


Similar Part No. - CIM21U301

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIM21J202NE SAMSUNG-CIM21J202NE Datasheet
1Mb / 16P
   Chip Bead CIB/CIM Series
CIM21J601NE SAMSUNG-CIM21J601NE Datasheet
1Mb / 16P
   Chip Bead ; CIB/CIM Series
More results

Similar Description - CIM21U301

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFD21920MDP1A048 MURATA-LFD21920MDP1A048 Datasheet
52Kb / 2P
   Microwave Components Chip Multilayer Diplexers
logo
AVX Corporation
08055A561JAT2A AVX-08055A561JAT2A Datasheet
115Kb / 4P
   Packaging of Chip Components
logo
Allied Components Inter...
MLC10-R022M-RC ALLIED-MLC10-R022M-RC Datasheet
365Kb / 1P
   Multilayer Chip Inductors
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
   MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
   MULTILAYER CHIP INDUCTOR
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
   MULTILAYER CHIP BEAD
logo
Taiyo Yuden (U.S.A.), I...
CK1608100M-T TAIYO-YUDEN-CK1608100M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CKS21251R0M-T TAIYO-YUDEN-CKS21251R0M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R22M-T TAIYO-YUDEN-CK2125R22M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21254R7M-T TAIYO-YUDEN-CK21254R7M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com