Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C4051-12PI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C4051-12PI
Description  8-Bit Microcontroller with 4K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C4051-12PI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C4051-12PI Datasheet HTML 7Page - ATMEL Corporation AT89C4051-12PI Datasheet HTML 8Page - ATMEL Corporation AT89C4051-12PI Datasheet HTML 9Page - ATMEL Corporation AT89C4051-12PI Datasheet HTML 10Page - ATMEL Corporation AT89C4051-12PI Datasheet HTML 11Page - ATMEL Corporation AT89C4051-12PI Datasheet HTML 12Page - ATMEL Corporation AT89C4051-12PI Datasheet HTML 13Page - ATMEL Corporation AT89C4051-12PI Datasheet HTML 14Page - ATMEL Corporation AT89C4051-12PI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
1001E–MICRO–6/05
AT89C4051
Note:
1. Only used in 12-volt programming mode.
15. Flash Programming and Verification Waveforms
14. Flash Programming and Verification Characteristics
T
A = 20°C to 30°C, VCC = 5.0 ± 10%
Symbol
Parameter
Min
Max
Units
V
PP
Programming Enable Voltage
11.5
12.5
V
I
PP
Programming Enable Current
250
µA
tDVGL
Data Setup to PROG Low
1.0
µs
t
GHDX
Data Hold after PROG
1.0
µs
t
EHSH
P3.4 (ENABLE) High to V
PP
1.0
µs
tSHGL
VPP Setup to PROG Low
10
µs
t
GHSL
V
PP Hold after PROG
10
µs
t
GLGH
PROG Width
1
110
µs
tELQV
ENABLE Low to Data Valid
1.0
µs
t
EHQZ
Data Float after ENABLE
01.0
µs
t
GHBL
PROG High to BUSY Low
50
ns
tWC
Byte Write Cycle Time
2.0
ms
t
BHIH
RDY/BSY\ to Increment Clock Delay
1.0
µs
t
IHIL
Increment Clock High
200
ns


Similar Part No. - AT89C4051-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051-12PI ATMEL-AT89C4051-12PI Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051-12PI ATMEL-AT89C4051-12PI Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
More results

Similar Description - AT89C4051-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051 Datasheet
328Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51 Datasheet
129Kb / 15P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C51 ATMEL-AT89C51_00 Datasheet
141Kb / 17P
   8-bit Microcontroller with 4K Bytes Flash
AT89LV51 ATMEL-AT89LV51 Datasheet
197Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com