Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C1051U-12PA Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89C1051U-12PA
Description  8-Bit Microcontroller with 1K Bytes Flash
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C1051U-12PA Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89C1051U-12PA Datasheet HTML 3Page - ATMEL Corporation AT89C1051U-12PA Datasheet HTML 4Page - ATMEL Corporation AT89C1051U-12PA Datasheet HTML 5Page - ATMEL Corporation AT89C1051U-12PA Datasheet HTML 6Page - ATMEL Corporation AT89C1051U-12PA Datasheet HTML 7Page - ATMEL Corporation AT89C1051U-12PA Datasheet HTML 8Page - ATMEL Corporation AT89C1051U-12PA Datasheet HTML 9Page - ATMEL Corporation AT89C1051U-12PA Datasheet HTML 10Page - ATMEL Corporation AT89C1051U-12PA Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AT89C1051U
7
Notes:
1. The internal PEROM address counter is reset to 000H on the rising edge of RST and is advanced by a positive pulse at
XTAL1 pin.
2. Chip Erase requires a 10-ms PROG pulse.
3. P3.1 is pulled Low during programming to indicate RDY/BSY.
Figure 3. Programming the Flash Memory
Figure 4. Verifying the Flash Memory
Flash Programming Modes
Mode
RST/VPP
P3.2/PROG
P3.3
P3.4
P3.5
P3.7
Write Code Data(1)(3)
12V
L
H
H
H
Read Code Data(1)
HH
L
L
H
H
Write Lock
Bit - 1
12V
H
H
H
H
Bit - 2
12V
H
H
L
L
Chip Erase
12V
H
L
L
L
Read Signature Byte
H
H
L
L
L
L
(2)
PP
AT89C1051U
AT89C1051U


Similar Part No. - AT89C1051U-12PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C1051U-12PC ATMEL-AT89C1051U-12PC Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U-12PI ATMEL-AT89C1051U-12PI Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
More results

Similar Description - AT89C1051U-12PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY13A ATMEL-ATTINY13A_09 Datasheet
539Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_1 Datasheet
3Mb / 174P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_10 Datasheet
584Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
AT90S1200 ATMEL-AT90S1200 Datasheet
310Kb / 7P
   8-Bit Microcontroller with 1K bytes In-System Programmable Flash
ATTINY13-10SU ATMEL-ATTINY13-10SU Datasheet
535Kb / 22P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A_10 Datasheet
605Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13A ATMEL-ATTINY13A Datasheet
462Kb / 20P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V_0701 ATMEL-ATTINY13V_0701 Datasheet
1Mb / 177P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13V ATMEL-ATTINY13V_07 Datasheet
214Kb / 18P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
ATTINY13 ATMEL-ATTINY13_08 Datasheet
3Mb / 176P
   8-bit Microcontroller with 1K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com