Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89C2051-12PI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89C2051-12PI
Description  8-Bit Microcontroller with 2K Bytes Flash
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C2051-12PI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89C2051-12PI Datasheet HTML 1Page - ATMEL Corporation AT89C2051-12PI Datasheet HTML 2Page - ATMEL Corporation AT89C2051-12PI Datasheet HTML 3Page - ATMEL Corporation AT89C2051-12PI Datasheet HTML 4Page - ATMEL Corporation AT89C2051-12PI Datasheet HTML 5Page - ATMEL Corporation AT89C2051-12PI Datasheet HTML 6Page - ATMEL Corporation AT89C2051-12PI Datasheet HTML 7Page - ATMEL Corporation AT89C2051-12PI Datasheet HTML 8Page - ATMEL Corporation AT89C2051-12PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Compatible with MCS®-51Products
2K Bytes of Reprogrammable Flash Memory
– Endurance: 1,000 Write/Erase Cycles
2.7V to 6V Operating Range
Fully Static Operation: 0 Hz to 24 MHz
Two-level Program Memory Lock
128 x 8-bit Internal RAM
15 Programmable I/O Lines
Two 16-bit Timer/Counters
Six Interrupt Sources
Programmable Serial UART Channel
Direct LED Drive Outputs
On-chip Analog Comparator
Low-power Idle and Power-down Modes
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT89C2051 is a low-voltage, high-performance CMOS 8-bit microcomputer with
2K bytes of Flash programmable and erasable read-only memory (PEROM). The
device is manufactured using Atmel’s high-density nonvolatile memory technology
and is compatible with the industry-standard MCS-51 instruction set. By combining a
versatile 8-bit CPU with Flash on a monolithic chip, the Atmel AT89C2051 is a power-
ful microcomputer which provides a highly-flexible and cost-effective solution to many
embedded control applications.
The AT89C2051 provides the following standard features: 2K bytes of Flash, 128
bytes of RAM, 15 I/O lines, two 16-bit timer/counters, a five vector two-level interrupt
architecture, a full duplex serial port, a precision analog comparator, on-chip oscillator
and clock circuitry. In addition, the AT89C2051 is designed with static logic for opera-
tion down to zero frequency and supports two software selectable power saving
modes. The Idle Mode stops the CPU while allowing the RAM, timer/counters, serial
port and interrupt system to continue functioning. The power-down mode saves the
RAM contents but freezes the oscillator disabling all other chip functions until the next
hardware reset.
8-bit
Microcontroller
with 2K Bytes
Flash
AT89C2051
0368G–MICRO–6/05


Similar Part No. - AT89C2051-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C2051-12PI ATMEL-AT89C2051-12PI Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051-12PI ATMEL-AT89C2051-12PI Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
More results

Similar Description - AT89C2051-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
329Kb / 20P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_00 Datasheet
232Kb / 15P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051_08 Datasheet
397Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com