Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIC05P300 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CIC05P300
Description  Chip Bead CIC/CIS Series For High Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIC05P300 Datasheet(HTML) 2 Page - Samsung semiconductor

  CIC05P300 Datasheet HTML 1Page - Samsung semiconductor CIC05P300 Datasheet HTML 2Page - Samsung semiconductor CIC05P300 Datasheet HTML 3Page - Samsung semiconductor CIC05P300 Datasheet HTML 4Page - Samsung semiconductor CIC05P300 Datasheet HTML 5Page - Samsung semiconductor CIC05P300 Datasheet HTML 6Page - Samsung semiconductor CIC05P300 Datasheet HTML 7Page - Samsung semiconductor CIC05P300 Datasheet HTML 8Page - Samsung semiconductor CIC05P300 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
26
27
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIC 05P 300
CIC 05P 600
CIC 05P 121
CIC 05J 600
0.50
±0.05
0.50
±0.05
0.50
±0.05
0.50
±0.05
30
60
120
60
0.05
0.09
0.09
0.09
1500
1500
1500
1500
Part No.
Thickness
(mm)
Impedance
(
Ω)±25%
@100 MHz
DC Resistance
(
Ω) Max.
Rated Current
(mA) Max.
CIC 10P 080
CIC 10P 220
CIC 10P 300
CIC 10P 600
CIC 10P 121
CIC 10P 181
CIC 10P 221
CIC 10P 301
CIC 10P 331
CIC 10J 080
CIC 10J 300
CIC 10J 600
CIC 10J 121
CIC 10J 221
CIC 10J 301
CIC 10J 471
CIC 10J 601
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
0.80
±0.15
8
22
30
60
120
180
220
300
330
8
30
60
120
220
300
470
600
0.02
0.025
0.025
0.05
0.05
0.09
0.09
0.15
0.15
0.02
0.03
0.05
0.05
0.10
0.15
0.15
0.15
3000
3000
3000
2000
2000
1500
1000
750
1200
3000
2000
2000
2000
1500
800
800
750
CIC 1005(0402) Type
CIC 1608(0603) Type
CIC05P300
40
60
1M
10M
100M
1G
20
0
FREQUENCY(Hz)
Z
R
X
CIC05P121
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X
CIC05J600
200
1M
10M
100M
1G
100
0
FREQUENCY(Hz)
Z
R
X


Similar Description - CIC05P300

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCPB1005S100NPF SOCAY-SCPB1005S100NPF Datasheet
236Kb / 6P
   Chip Ferrite Bead for High Current
logo
ABC Taiwan Electronics ...
MB4532 ABC-MB4532 Datasheet
219Kb / 6P
   HIGH CURRENT MULTILAYER CHIP BEAD
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
   Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
   Multilayer Ferrite Chip Bead (High Current)
11.11.13
logo
TAI-TECH Advanced Elect...
MBP31 TAI-TECH-MBP31 Datasheet
81Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB0603 TAI-TECH-HCB0603 Datasheet
89Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB4516 TAI-TECH-HCB4516 Datasheet
85Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
MBP43 TAI-TECH-MBP43 Datasheet
77Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
HCB1608 TAI-TECH-HCB1608 Datasheet
101Kb / 2P
   High Current Ferrite Chip Bead(Lead Free)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com