Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

713-00050 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 713-00050
Description  Eddie Robot Platform
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

713-00050 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  713-00050 Datasheet HTML 1Page - List of Unclassifed Manufacturers 713-00050 Datasheet HTML 2Page - List of Unclassifed Manufacturers 713-00050 Datasheet HTML 3Page - List of Unclassifed Manufacturers 713-00050 Datasheet HTML 4Page - List of Unclassifed Manufacturers 713-00050 Datasheet HTML 5Page - List of Unclassifed Manufacturers 713-00050 Datasheet HTML 6Page - List of Unclassifed Manufacturers 713-00050 Datasheet HTML 7Page - List of Unclassifed Manufacturers 713-00050 Datasheet HTML 8Page - List of Unclassifed Manufacturers 713-00050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright © Parallax Inc.
Eddie Robot Platform (#28990 & #28992)
v1.2 11/10/2011 Page 2 of 16
Precautions
After switching main board power off, wait at least 5 seconds before switching power back on.
Rapid and repetitive power cycling of the board and motor power supplies causes significant
stress on electronic components and may damage the board and/or connected electronic
accessories.
Use caution when handling the drive motors or Control Board as some components may
become hot after prolonged operation.
As in most electronic devices, Eddie contains components which are sensitive to static
discharge. Exercise proper grounding practices prior to touching or working on the robot.
Assembly Instructions
Note: For pre-assembled Eddie (28992), go to Step 10
Step 1: Pre-assemble the Motor Mount and Wheel Kit and the Caster Wheel Kits, by following the
instructions that came with each of those products. Set them aside for now.
Step 2: After you have completed the assembly of the Motor Mount and Wheel Kit and the Caster Wheel
Kits, carefully unpack the remaining components and sort them into their respective groups. You should
have the following:
Bill of Materials
Part #
Quantity
Description
28994
1
Eddie Motor Mount and Wheel Kit w/ Position Controller
28971
2
Caster Wheel Kit
765-28977
1
Robot Base
765-28990
1
Eddie Second Deck
700-00235
1
Eddie Wiring Harness
721-00013
2
Kinect Mounting Cam Hook
452-00072
4
Eddie Kinect Cable Clip
800-28990
1
Eddie Kinect Power Cable
713-00049
4
Standoff, 5”, ½” Diameter
713-00050
2
Standoff, 12”, ½” Diameter
721-00014
1
Eddie Laptop Screen Clamp
765-00003
1
Eddie Battery Shelf
752-00007
2
Battery, 12 V, 7.2 Ah, SLA
28015
2
Ping)))
TM Ultrasonic Distance Sensor
28995
3
Sharp 2Y0A21YK0F Distance Sensor
550-28990
1
Eddie Control Board
805-00002
2
Servo-extension Cable, 14” Length
805-28995
3
Sharp IR Sensor to Servo Cable
725-28995
3
Sharp IR Stand Acrylic
725-32008
2
Ping))) Stand Acrylic
710-00033
10
Screw, Cap, SKT, 6-32x1/2”
710-00035
24
4-40 x 5/8” black pan head screw
713-00005
6
Spacer, nylon, #4, ¼” thick
713-00019
6
Spacer, nylon, #4, 1/8” thick
713-00015
4
Spacer, nylon, #4, 1/16” thick
700-00240
1
Eddie Battery Charger


Similar Part No. - 713-00050

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
713-100 GLENAIR-713-100 Datasheet
99Kb / 2P
   Metal Straight, 45째, and 90째 Connector Adapters
713-102 GLENAIR-713-102 Datasheet
281Kb / 2P
   Metal Straight, 45째, and 90째 M28840 Connector Adapters
713-351 GLENAIR-713-351 Datasheet
185Kb / 1P
   Y Transition
713-352 GLENAIR-713-352 Datasheet
188Kb / 1P
   Double-Y Transition
713-353 GLENAIR-713-353 Datasheet
181Kb / 1P
   T Transition
More results

Similar Description - 713-00050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMPS03 ETC-CMPS03 Datasheet
105Kb / 3P
   Robot Compass Module
logo
Festo Corporation.
8121043 FESTO-8121043 Datasheet
89Kb / 2P
   Robot kit suction gripper
6/7/22
logo
List of Unclassifed Man...
550-28990 ETC2-550-28990 Datasheet
941Kb / 9P
   Eddie Control Board with Power Connector
logo
STMicroelectronics
STEVAL-IAC001V1 STMICROELECTRONICS-STEVAL-IAC001V1 Datasheet
193Kb / 5P
   Alarm platform
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
   Multimedia Platform
2004
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
   Multimedia Platform?
2004
logo
Pulse A Technitrol Comp...
SFPP-3148-L PULSE-SFPP-3148-L Datasheet
446Kb / 2P
   Connector Platform
logo
Molex Electronics Ltd.
0639022400 MOLEX-0639022400 Datasheet
45Kb / 2P
   FineAdjust Applicator for Robot Conn 36P Crimp Terminals
11/02/2021
logo
Infineon Technologies A...
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com