Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32900 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 32900
Description  Propeller Board of Education
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

32900 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  32900 Datasheet HTML 1Page - List of Unclassifed Manufacturers 32900 Datasheet HTML 2Page - List of Unclassifed Manufacturers 32900 Datasheet HTML 3Page - List of Unclassifed Manufacturers 32900 Datasheet HTML 4Page - List of Unclassifed Manufacturers 32900 Datasheet HTML 5Page - List of Unclassifed Manufacturers 32900 Datasheet HTML 6Page - List of Unclassifed Manufacturers 32900 Datasheet HTML 7Page - List of Unclassifed Manufacturers 32900 Datasheet HTML 8Page - List of Unclassifed Manufacturers 32900 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Web Site: www.parallax.com
Forums: forums.parallax.com
Sales: sales@parallax.com
Technical: support@parallax.com
Office: (916) 624-8333
Fax: (916) 624-8003
Sales: (888) 512-1024
Tech Support: (888) 997-8267
Copyright © Parallax Inc.
Propeller Board of Education (#32900)
v1.0 3/15/2012 Page 1 of 9
Propeller Board of Education (#32900)
The form of the original Board of Education© meets the powerful function of the multicore Propeller
microcontroller. A built-in set of peripherals makes it ready to support an amazing array of projects,
prototypes, hands-on activities, and kits. The Propeller Board of Education is ideal for learning the basics
of electronics, programming and robotics. It also simplifies advanced applications that require RF-linked
communication, audio/visual peripherals, and gigabytes of SD memory.
Features
Built-in Propeller microcontroller, 64 KB
EEPROM and 5 MHz crystal oscillator.
Breadboard, sockets for power and I/O
access, and six servo ports with power-
select jumpers for easy prototyping
Automatically selects between USB and
external power sources and provides
USB over-current protection
9 V battery and center-positive 2.1 mm
power connectors offer two external
power options
Convenient reset button and 3-position
power switch
Onboard mini stereo-audio jack, electret
microphone, and VGA port for
audio/visual projects
Built-in microSD card and XBee wireless
module sockets simplify advanced
applications
Dedicated analog header sockets
provide three 10-bit inputs and two
buffered variable-resolution outputs
2x20 header for connecting I/O pins to
VGA, XBee, Propeller clock and reset,
USB serial flow control, and up to 10
LEDs
Indicator lights for system power, servo
power, eight color-coded VGA channels,
two analog output levels, XBee Tx/Rx,
and USB Tx/Rx
SEPIC 5 V switching regulator can
deliver up to 3 A across the commercial
temperature range
Linear 3.3 V regulator can deliver up to
460 mA at room temperature
Key Specifications
Power requirements: 4–16 VDC
Communication: USB for programming
Dimensions: 4.375 x 3.05 x 0.625 in
(11.11 x 7.75 x 1.50 cm)
Operating temp range: +32 to +158 °F
(0 to +70 °C)
Application Ideas
Mount on a Boe-Bot© robot chassis to
create your own customizable Propeller
robot
Use in the classroom to teach
electronics, programming, robotics, and
the fundamentals of electronic product
design with a multicore microcontroller
Packing List
Propeller Board of Education PCB
Strip of 4 rubber feet
Jumper wires


Similar Part No. - 32900

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3290 ASM-SENSOR-3290 Datasheet
1Mb / 4P
   CLAMP ON AC/DC HiTESTER
logo
Bourns Electronic Solut...
3290 BOURNS-3290 Datasheet
176Kb / 1P
   Square Trimpot짰 Trimming Potentiometer
logo
ASM GmbH
3290-10 ASM-SENSOR-3290-10 Datasheet
1Mb / 4P
   CLAMP ON AC/DC HiTESTER
logo
KR Electronics, Inc.
3290-SMA KR-3290-SMA Datasheet
114Kb / 3P
   400 to 800 MHz Equalizer Filter
logo
Bourns Electronic Solut...
3290H-1-100M BOURNS-3290H-1-100M Datasheet
176Kb / 1P
   Square Trimpot짰 Trimming Potentiometer
More results

Similar Description - 32900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28150 ETC2-28150 Datasheet
153Kb / 5P
   Board Of Education - Serial (28150) Rev C
logo
Good Will Instrument Co...
GDB-02 GWINSTEK-GDB-02 Datasheet
184Kb / 1P
   OSCILLOSCOPE EDUCATION AND TRAINING KIT
GBS-1000 GWINSTEK-GBS-1000 Datasheet
3Mb / 2P
   Education Lab and Training Institution
GDB-03 GWINSTEK-GDB-03 Datasheet
1Mb / 1P
   Oscilloscope Education And Training Kit
logo
STMicroelectronics
STEVAL-EDUKIT01 STMICROELECTRONICS-STEVAL-EDUKIT01 Datasheet
224Kb / 3P
   Evaluation kit for education on motor control and control systems
March 2020
logo
Isahaya Electronics Cor...
GAU605P-15252 ISAHAYA-GAU605P-15252 Datasheet
560Kb / 6P
   Universal Gate Drive Prototype Board of 6ch
logo
ON Semiconductor
AM306245R2MMGEVB ONSEMI-AM306245R2MMGEVB Datasheet
159Kb / 1P
   Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
logo
KODENSHI_AUK CORP.
ST615 KODENSHI-ST615 Datasheet
195Kb / 3P
   Available to mount on the backside of board
logo
ON Semiconductor
AM305222R1DBGEVB ONSEMI-AM305222R1DBGEVB Datasheet
148Kb / 1P
   Bill of Materials for the AM305222R1DBGEVB Evaluation Board
logo
Maxim Integrated Produc...
MAXQ1065EVKIT MAXIM-MAXQ1065EVKIT Datasheet
5Mb / 9P
   Demonstrates the Features of the MAXQ1065 Socket Board
Rev 2; 6/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com