Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV002N-90JI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV002N-90JI
Description  2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV002N-90JI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV002N-90JI Datasheet HTML 1Page - ATMEL Corporation AT49BV002N-90JI Datasheet HTML 2Page - ATMEL Corporation AT49BV002N-90JI Datasheet HTML 3Page - ATMEL Corporation AT49BV002N-90JI Datasheet HTML 4Page - ATMEL Corporation AT49BV002N-90JI Datasheet HTML 5Page - ATMEL Corporation AT49BV002N-90JI Datasheet HTML 6Page - ATMEL Corporation AT49BV002N-90JI Datasheet HTML 7Page - ATMEL Corporation AT49BV002N-90JI Datasheet HTML 8Page - ATMEL Corporation AT49BV002N-90JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
2-Megabit
(256K x 8)
Single 2.7-Volt
Battery-Voltage
Flash Memory
AT49BV002
AT49LV002
AT49BV002N
AT49LV002N
AT49BV002T
AT49LV002T
AT49BV002NT
AT49LV002NT
Features
Single Supply for Read and Write: 2.7V to 3.6 (BV), 3.0 to 3.6V (LV)
Fast Read Access Time - 70 ns
Internal Program Control and Timer
Sector Architecture
– One 16K Byte Boot Block with Programming Lockout
– Two 8K Byte Parameter Blocks
– Two Main Memory Blocks (96K, 128K) Bytes
Fast Erase Cycle Time - 10 seconds
Byte By Byte Programming - 30
µµµµs/Byte Typical
Hardware Data Protection
DATA Polling For End Of Program Detection
Low Power Dissipation
– 25 mA Active Current
–50
µµµµA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49BV/LV002(N)(T) is a 3-volt-only in-system reprogrammable Flash Memory.
Its 2 megabits of memory is organized as 262,144 words by 8 bits. Manufactured with
Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 70
ns with power dissipation of just 90 mW over the commercial temperature range.
When the device is deselected, the CMOS standby current is less than 50
µA. For the
Rev. 0982C–07/98
Pin Configurations
Pin Name
Function
A0 - A17
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
RESET
I/O0 - I/O7
Data Inputs/Outputs
DC
Don’t Connect
DIP Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
*RESET
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
WE
A17
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
PLCC Top View
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
(continued)
VSOP Top View (8 x 14 mm) or
TSOP Top View (8 x 20 mm)
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
WE
VCC
*RESET
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3
*Note: This pin is a DC on the AT49BV002N(T) and AT49LV002N(T).


Similar Part No. - AT49BV002N-90JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV002N ATMEL-AT49BV002N Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002NT ATMEL-AT49BV002NT Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results

Similar Description - AT49BV002N-90JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
   2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com