Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

49F010 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # 49F010
Description  1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

49F010 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button 49F010 Datasheet HTML 2Page - ATMEL Corporation 49F010 Datasheet HTML 3Page - ATMEL Corporation 49F010 Datasheet HTML 4Page - ATMEL Corporation 49F010 Datasheet HTML 5Page - ATMEL Corporation 49F010 Datasheet HTML 6Page - ATMEL Corporation 49F010 Datasheet HTML 7Page - ATMEL Corporation 49F010 Datasheet HTML 8Page - ATMEL Corporation 49F010 Datasheet HTML 9Page - ATMEL Corporation 49F010 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Byte Load Characteristics
Symbol
Parameter
Min
Max
Units
tAS, tOES
Address, OE Set-up Time
0
ns
tAH
Address Hold Time
50
ns
tCS
Chip Select Set-up Time
0
ns
tCH
Chip Select Hold Time
0
ns
tWP
Write Pulse Width (WE or CE)
90
ns
tDS
Data Set-up Time
50
ns
tDH, tOEH
Data, OE Hold Time
0
ns
tWPH
Write Pulse Width High
90
ns
AC Byte Load Waveforms
WE Controlled
CE Controlled
6
AT49F010/HF010


Similar Part No. - 49F010

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
49F HONGFA-49F Datasheet
44Kb / 1P
   RELAY SOCKET
logo
Yuan Dean Scientific., ...
49F YUANDEAN-49F Datasheet
1Mb / 2P
   RJ45 Jack
49F-1201 YUANDEAN-49F-1201 Datasheet
1Mb / 2P
   RJ45 Jack
49F-1201YGD2NL YUANDEAN-49F-1201YGD2NL Datasheet
1Mb / 2P
   RJ45 Jack
49F-1202 YUANDEAN-49F-1202 Datasheet
1Mb / 2P
   RJ45 Jack
More results

Similar Description - 49F010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com