Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0140BA03114S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0140BA03114S
Description  140 MHz SAW Filter 16 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA03114S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0140BA03114S Datasheet HTML 1Page - API Technologies Corp SF0140BA03114S Datasheet HTML 2Page - API Technologies Corp SF0140BA03114S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
140 MHz SAW Filter
16 MHz Bandwidth
Part Number: SF0140BA03114S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0140BA03114S Rev B 8-Mar-2010
ECN 36650
Page 1 of 3
DESCRIPTION
140 MHz SAW bandpass filter with 16 MHz bandwidth in 13.3 x 6.5mm SMP.
RoHS compliant.
TYPICAL PERFORMANCE
Horizontal :
Frequency
5
MHz / div
Vertical (from top)
Magnitude
10
dB/div
Magnitude
1
dB/div
Phase Deviation
10
deg/div
Group Delay Deviation
200
ns/div
Input and Output Impedances
Frequency Span : 100-180 MHz
Wide Band Response
Frequency Span : 0-500 MHz
Vertical Scale :
10
dB/div
S11
S22


Similar Part No. - SF0140BA03114S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140BA03114S ICST-SF0140BA03114S Datasheet
108Kb / 3P
   140 MHz SAW Filter 16 MHz Bandwidth
More results

Similar Description - SF0140BA03114S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140BA03114S ICST-SF0140BA03114S Datasheet
108Kb / 3P
   140 MHz SAW Filter 16 MHz Bandwidth
logo
API Technologies Corp
SF0140BA03072S APITECH-SF0140BA03072S Datasheet
262Kb / 4P
   140 MHz Filter 16 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140CF51927T ICST-SF0140CF51927T Datasheet
214Kb / 2P
   140 MHz Filter 16 MHz Bandwidth
SF0140BA03072S ICST-SF0140BA03072S Datasheet
257Kb / 4P
   140 MHz Filter 16 MHz Bandwidth
logo
API Technologies Corp
SF0140CF51927T APITECH-SF0140CF51927T Datasheet
218Kb / 2P
   140 MHz Filter 16 MHz Bandwidth
SF0140BA02359T APITECH-SF0140BA02359T Datasheet
141Kb / 3P
   140 MHz SAW Filter 4.7 MHz Bandwidth
SF0140BA03110S APITECH-SF0140BA03110S Datasheet
157Kb / 3P
   140 MHz SAW Filter 14 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140BA03074S ICST-SF0140BA03074S Datasheet
101Kb / 2P
   140 MHz SAW Filter 32 MHz bandwidth
logo
API Technologies Corp
SF0140BA03175S APITECH-SF0140BA03175S Datasheet
161Kb / 3P
   140 MHz SAW Filter 9.3 MHz Bandwidth
SF0140BA03173S APITECH-SF0140BA03173S Datasheet
149Kb / 3P
   140 MHz SAW Filter 9.3 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com