Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0140CF51902T Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0140CF51902T
Description  140.0 MHz Filter 0.75 MHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140CF51902T Datasheet(HTML) 2 Page - API Technologies Corp

  SF0140CF51902T Datasheet HTML 1Page - API Technologies Corp SF0140CF51902T Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
140.0 MHz Filter
0.75 MHz Bandwidth
Part Number SF0140CF51902T
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Micro Networks
Worldwide Headquarters: 324 Clark Street Worcester, MA 01606. tel: 508-852-5400 fax: 508-852-8456
European Sales Headquarters: Hertosingel 20 6214 AD Maastricht, Netherlands. tel: +31-43-32-70912 fax: +31-43-32-70715
www.micronetworks.com
Rev 1.1 10-Jan-03
Page 2 of 2
PACKAGE OUTLINE
MATCHING CIRCUIT
No Matching required.
Units: mm
Pin Configuration:
Input:
18
Input Return:
1
Output:
10
Output Return: 9
Ground:
2,11
18
10
1
9
ISO 9001
Registered


Similar Part No. - SF0140CF51902T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140CF51902T ICST-SF0140CF51902T Datasheet
186Kb / 2P
   140.0 MHz Filter 0.75 MHz Bandwidth
More results

Similar Description - SF0140CF51902T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140CF51902T ICST-SF0140CF51902T Datasheet
186Kb / 2P
   140.0 MHz Filter 0.75 MHz Bandwidth
SF0140CF51907T ICST-SF0140CF51907T Datasheet
199Kb / 2P
   140.0 MHz Filter 3.0 MHz Bandwidth
logo
List of Unclassifed Man...
SF0140CF51904T ETC2-SF0140CF51904T Datasheet
194Kb / 2P
   140.0 MHz Filter 1.5 MHz Bandwidth
logo
API Technologies Corp
SF0140CF51905T APITECH-SF0140CF51905T Datasheet
200Kb / 2P
   140.0 MHz Filter 2.0 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140CF51905T ICST-SF0140CF51905T Datasheet
196Kb / 2P
   140.0 MHz Filter 2.0 MHz Bandwidth
logo
API Technologies Corp
SF0140CF51904T APITECH-SF0140CF51904T Datasheet
198Kb / 2P
   140.0 MHz Filter 1.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140CF51904T ICST-SF0140CF51904T Datasheet
194Kb / 2P
   140.0 MHz Filter 1.5 MHz Bandwidth
logo
API Technologies Corp
SF0140CF51907T APITECH-SF0140CF51907T Datasheet
203Kb / 2P
   140.0 MHz Filter 3.0 MHz Bandwidth
SF0140BA03070S APITECH-SF0140BA03070S Datasheet
188Kb / 2P
   140.0 MHz Low-Loss Filter 10.0 MHz Bandwidth
logo
Transko Electronics, In...
TA140CD TRANSKO-TA140CD Datasheet
294Kb / 3P
   140.0 MHz IF SAW Filter / 25.0 MHz Bandwidth
Revision 1: 29. Oct. 2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com