Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1550KBK Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1550KBK
Description  EVA Foam Gasket supplied with Liquid Resistant Enclosures
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1550KBK Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1550KBK Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Top View of Assembly
Top View Looking Inside Box
View Looking inside Lid
SECTION A-A
End View of Assembly
SECTION B-B
Side View of Assembly
Unfinished
1550K
Black Textured Polyester Powder Paint
1550KBK
Unfinished
1550WK
Black Textured Polyester Powder Paint
1550WKBK
Unfinshed Cover Screws (Pkg 100)
[M3.5 x 0.6 18-8 SS]
1550MS100
Black Cover Screws (Pkg 100)
[M3.5 x 0.6 18-8 SS]
1550MS100BK
NOTE
Purchased assembly includes box, lid, and 4 cover screws.
Box and lid are made from Diecast Aluminum Alloy.
EVA Foam Gasket supplied with Liquid Resistant Enclosures
Recommended Torque: 75 ozf.in / 55 cN.m
PART NUMBERS
1550K Enclosure
Accessories
1550WK Liquid Resistant Enclosure (Silicon Factory Installed Gasket)
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
A
A
B
B
1550WK
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
140.00 mm
[5.512 in]
129.00 mm
[5.079 in]
102.00 mm
[4.016 in]
91.00 mm
[3.583 in]
2.00 mm
[0.079 in]
(Wall Thickness)
73.30 mm
[2.886 in]
(Inner Box Height)
132.32 mm
[5.210 in]
(Inner Box Length)
72.50 mm
[2.854 in]
76.60 mm
[3.016 in]
94.32 mm
[3.713 in]
(Inner Box Width)
136.00 mm
[5.354 in]
122.00 mm
[4.803 in]
98.00 mm
[3.858 in]
84.00 mm
[3.307 in]
1.50 mm
[0.059 in]
2.90 mm
[0.114 in]
4.10 mm
[0.161 in]
128.07 mm
[5.042 in]
90.07 mm
[3.546 in]
1.47 mm
[0.058 in]
n4.10 mm
[0.161 in]
M3.5 x 0.6
(Threaded Holes)


Similar Part No. - 1550KBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1550KBK HAMMOND-1550KBK Datasheet
221Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
More results

Similar Description - 1550KBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1550F HAMMOND-1550F Datasheet
542Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
1550WJ HAMMOND-1550WJ Datasheet
234Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
1550Q HAMMOND-1550Q Datasheet
572Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
1550J HAMMOND-1550J Datasheet
228Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
1550WH HAMMOND-1550WH Datasheet
556Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
1550D HAMMOND-1550D Datasheet
513Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
1550WA HAMMOND-1550WA Datasheet
575Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
1550N HAMMOND-1550N Datasheet
249Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
1550H HAMMOND-1550H Datasheet
532Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
1550WN HAMMOND-1550WN Datasheet
253Kb / 1P
   EVA Foam Gasket supplied with Liquid Resistant Enclosures
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com