Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT59C22-10PC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT59C22-10PC
Description  4-Wire Serial EEPROMs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT59C22-10PC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT59C22-10PC Datasheet HTML 5Page - ATMEL Corporation AT59C22-10PC Datasheet HTML 6Page - ATMEL Corporation AT59C22-10PC Datasheet HTML 7Page - ATMEL Corporation AT59C22-10PC Datasheet HTML 8Page - ATMEL Corporation AT59C22-10PC Datasheet HTML 9Page - ATMEL Corporation AT59C22-10PC Datasheet HTML 10Page - ATMEL Corporation AT59C22-10PC Datasheet HTML 11Page - ATMEL Corporation AT59C22-10PC Datasheet HTML 12Page - ATMEL Corporation AT59C22-10PC Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AT59C11/22/13
10
AT59C11 Ordering Information
tWC (max)
(ms)
ICC (max)
(
µA)
ISB (max)
(
µA)
fMAX
(kHz)
Ordering Code
Package
Operation Range
10
2000
30.0
1000
AT59C11-10PC
AT59C11W-10SC
8P3
8S2
Commercial
(0
°C to 70°C)
30.0
1000
AT59C11-10PI
AT59C11W-10SI
8P3
8S2
Industrial
(-40
°C to 85°C)
10
800
10.0
1000
AT59C11-10PC-2.7
AT59C11W-10SC-2.7
8P3
8S2
Commercial
(0
°C to 70°C)
10.0
1000
AT59C11-10PI-2.7
AT59C11W-10SI-2.7
8P3
8S2
Industrial
(-40
°C to 85°C)
10
600
10.0
500
AT59C11-10PC-2.5
AT59C11W-10SC-2.5
8P3
8S2
Commercial
(0
°C to 70°C)
10.0
500
AT59C11-10PI-2.5
AT59C11W-10SI-2.5
8P3
8S2
Industrial
(-40
°C to 85°C)
Package Type
8P3
8-Lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S2
8-Lead, 0.200" Wide, Plastic Gull Wing Small Outline (EIAJ SOIC)
Options
Blank
Standard Device (4.5V to 5.5V)
-2.7
Low-Voltage (2.7V to 5.5V)
-2.5
Low-Voltage (2.5V to 5.5V)


Similar Part No. - AT59C22-10PC

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
AT5 KNOWLES-AT5 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Analog Technologies, In...
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
   High Voltage Isolation Amplifier
7/5/2021
logo
List of Unclassifed Man...
AT501 ETC2-AT501 Datasheet
3Mb / 33P
   Accessories Hardware
AT501 ETC-AT501 Datasheet
3Mb / 34P
   Accessories Hardware
logo
Power Semiconductors
AT503 POSEICO-AT503 Datasheet
169Kb / 4P
   PHASE CONTROL THYRISTOR
More results

Similar Description - AT59C22-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
   3-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_06 Datasheet
397Kb / 23P
   Two-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com