Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F080T-12CC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49F080T-12CC
Description  8-Megabit 1M x 8 5-volt Only Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F080T-12CC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49F080T-12CC Datasheet HTML 1Page - ATMEL Corporation AT49F080T-12CC Datasheet HTML 2Page - ATMEL Corporation AT49F080T-12CC Datasheet HTML 3Page - ATMEL Corporation AT49F080T-12CC Datasheet HTML 4Page - ATMEL Corporation AT49F080T-12CC Datasheet HTML 5Page - ATMEL Corporation AT49F080T-12CC Datasheet HTML 6Page - ATMEL Corporation AT49F080T-12CC Datasheet HTML 7Page - ATMEL Corporation AT49F080T-12CC Datasheet HTML 8Page - ATMEL Corporation AT49F080T-12CC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Features
Single Voltage Operation
– 5V Read
– 5V Reprogramming
Fast Read Access Time - 90 ns
Internal Program Control and Timer
16K bytes Boot Block With Lockout
Fast Erase Cycle Time - 10 seconds
Byte-By-Byte Programming - 10
µs/Byte Typical
Hardware Data Protection
DATA Polling For End Of Program Detection
Low Power Dissipation
– 50 mA Active Current
– 100
µA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49F080 is a 5-volt-only in-system Flash Memory device. Its 8-megabits of
memory is organized as 1,024,576 words by 8-bits. Manufactured with Atmel’s
advanced nonvolatile CMOS technology, the device offers access times to 90 ns with
power dissipation of just 275 mW over the commercial temperature range. When the
device is deselected, the CMOS standby current is less than 100
µA.
The device contains a user-enabled “boot block” protection feature. Two versions of
the feature are available: the AT49F080 locates the boot block at lowest order
addresses (“bottom boot”); the AT49F080T locates it at highest order addresses (“top
boot”).
8-Megabit
(1M x 8)
5-volt Only
Flash
Memory
AT49F080
AT49F080T
AT49F080/080T
0584B-A–8/97
Pin Configurations
Pin Name
Function
A0 - A19
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
RDY/BUSY
Ready/Busy Output
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
CBGA Top View
A
B
C
D
E
F
1
234567
A5
A4
A6
A3
A2
A1
A8
A7
A9
I/O1
A0
I/O0
A11
A10
RST
NC
I/O3
I/O2
NC
VCC
CE
VCC
GND
GND
A12
A13
A14
I/O4
I/O6
I/O5
A15
NC
A16
I/O7
OE
RY/BY
A17
A18
A19
NC
NC
WE
(continued)
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
RESET
A11
A10
A9
A8
A7
A6
A5
A4
NC
NC
A3
A2
A1
A0
I/O0
I/O1
I/O2
I/O3
GND
GND
VCC
CE
A12
A13
A14
A15
A16
A17
A18
A19
NC
NC
NC
NC
WE
OE
RDY/BUSY
I/O7
I/O6
I/O5
I/O4
VCC
TSOP Top VIew
Type 1
A17
A16
A14
A15
A12
CE
A13
A10
A8
A9
RESET
A11
NC
VCC
1
2
4
3
6
5
10
9
7
8
14
13
11
12
I/O2
I/O3
I/O1
I/O0
VCC
I/O4
GND
GND
I/O6
I/O5
RDY/BUSY
I/O7
OE
WE
33
32
30
31
28
27
29
36
34
35
38
37
39
40
25
26
A1
A0
15
16
A7
A6
A5
20
19
A2
A3
22
21
23
24
17
18
A4
A19
A18
NC
NC


Similar Part No. - AT49F080T-12CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JC ATMEL-AT49F001-12JC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JI ATMEL-AT49F001-12JI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PC ATMEL-AT49F001-12PC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PI ATMEL-AT49F001-12PI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results

Similar Description - AT49F080T-12CC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com