Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC6501P065VCTTR Datasheet(PDF) 8 Page - Microchip Technology

Part # TC6501P065VCTTR
Description  Ultra Small Temperature Switches with Pin Selectable Hysteresis
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P065VCTTR Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC6501P065VCTTR Datasheet HTML 4Page - Microchip Technology TC6501P065VCTTR Datasheet HTML 5Page - Microchip Technology TC6501P065VCTTR Datasheet HTML 6Page - Microchip Technology TC6501P065VCTTR Datasheet HTML 7Page - Microchip Technology TC6501P065VCTTR Datasheet HTML 8Page - Microchip Technology TC6501P065VCTTR Datasheet HTML 9Page - Microchip Technology TC6501P065VCTTR Datasheet HTML 10Page - Microchip Technology TC6501P065VCTTR Datasheet HTML 11Page - Microchip Technology TC6501P065VCTTR Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TC6501/2/3/4
DS21451D-page 8
 2004 Microchip Technology Inc.
FIGURE 5-4:
TC6501 Functional Block Diagram.
FIGURE 5-5:
TC6502 Functional Block Diagram.
FIGURE 5-6:
TC6503 Functional Block Diagram.
FIGURE 5-7:
TC6504 Functional Block Diagram.
+
Positive
Temperature
Coefficient
Hysteresis
Selection
TC6501
TEMP
TC6501
with 100 k
Ω Pull-Up
COLD
+25°C
TTH
HOT
TOVER
V
TOVER
Reference
Negative
Temperature
Coefficient
Reference
HYST
Negative
Temperature
Coefficient
Reference
TC6502
TEMP
TC6502
V
TOVER
COLD
+25°C
TTH
HOT
+
Positive
Temperature
Coefficient
Hysteresis
Selection
TOVER
Reference
Negative
Temperature
Coefficient
Reference
HYST
TC6503
TEMP
TC6503
COLD
TTH
HOT
+25°C
with 100 k
Ω Pull-Up
V
+
Positive
Temperature
Coefficient
Hysteresis
Selection
Reference
Negative
Temperature
Coefficient
Reference
HYST
TUNDER
TUNDER
TC6504
TEMP
TC6504
COLD
TTH
HOT
+25°C
V
+
Positive
Temperature
Coefficient
Hysteresis
Selection
Reference
Negative
Temperature
Coefficient
Reference
HYST
TUNDER
TUNDER


Similar Part No. - TC6501P065VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6501P065VCTTR MICROCHIP-TC6501P065VCTTR Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P065VCTTR MICROCHIP-TC6501P065VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P065VCTTR MICROCHIP-TC6501P065VCTTR Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P065VCTTR MICROCHIP-TC6501P065VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
More results

Similar Description - TC6501P065VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
Torex Semiconductor
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com