Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT80F51-12AC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT80F51-12AC
Description  8-Bit Microcontroller with 4K Bytes QuickFlash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80F51-12AC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT80F51-12AC Datasheet HTML 4Page - ATMEL Corporation AT80F51-12AC Datasheet HTML 5Page - ATMEL Corporation AT80F51-12AC Datasheet HTML 6Page - ATMEL Corporation AT80F51-12AC Datasheet HTML 7Page - ATMEL Corporation AT80F51-12AC Datasheet HTML 8Page - ATMEL Corporation AT80F51-12AC Datasheet HTML 9Page - ATMEL Corporation AT80F51-12AC Datasheet HTML 10Page - ATMEL Corporation AT80F51-12AC Datasheet HTML 11Page - ATMEL Corporation AT80F51-12AC Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AT80F51
3-12
External Data Memory Write Cycle
External Clock Drive Waveforms
External Clock Drive
Symbol
Parameter
Min
Max
Units
1/tCLCL
Oscillator Frequency
0
20
MHz
tCLCL
Clock Period
41.6
ns
tCHCX
High Time
15
ns
tCLCX
Low Time
15
ns
tCLCH
Rise Time
20
ns
tCHCL
Fall Time
20
ns
t
LHLL
t
LLWL
t
LLAX
t
WHLH
t
AVLL
t
WLWH
t
AVWL
t
QVWX
t
QVWH
t
WHQX
A0 - A7 FROM RI OR DPL
ALE
PSEN
WR
PORT 0
PORT 2
P2.0 - P2.7 OR A8 - A15 FROM DPH
A0 - A7 FROM PCL
A8 - A15 FROM PCH
DATA OUT
INSTR IN
t
CHCX
t
CHCX
t
CLCX
t
CLCL
t
CHCL
t
CLCH
V
- 0.5V
CC
0.45V
0.2 V
- 0.1V
CC
0.7 V
CC


Similar Part No. - AT80F51-12AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80F52 ATMEL-AT80F52 Datasheet
157Kb / 19P
   8-Bit Microcontroller with 8K Bytes QuickFlash Memory
AT80F52-12AC ATMEL-AT80F52-12AC Datasheet
157Kb / 19P
   8-Bit Microcontroller with 8K Bytes QuickFlash Memory
AT80F52-12AI ATMEL-AT80F52-12AI Datasheet
157Kb / 19P
   8-Bit Microcontroller with 8K Bytes QuickFlash Memory
AT80F52-12JC ATMEL-AT80F52-12JC Datasheet
157Kb / 19P
   8-Bit Microcontroller with 8K Bytes QuickFlash Memory
AT80F52-12JI ATMEL-AT80F52-12JI Datasheet
157Kb / 19P
   8-Bit Microcontroller with 8K Bytes QuickFlash Memory
More results

Similar Description - AT80F51-12AC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87F51 ATMEL-AT87F51 Datasheet
170Kb / 15P
   8-Bit Microcontroller with 4K Bytes QuickFlash
AT80F52 ATMEL-AT80F52 Datasheet
157Kb / 19P
   8-Bit Microcontroller with 8K Bytes QuickFlash Memory
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
   8-bit Microcontroller with 20K Bytes QuickFlash?
AT87F52 ATMEL-AT87F52 Datasheet
224Kb / 22P
   8-Bit Microcontroller with 8K Bytes QuickFlash
AT87F51RC ATMEL-AT87F51RC Datasheet
357Kb / 25P
   8-bit Microcontroller with 32K Bytes QuickFlash
AT87LV52 ATMEL-AT87LV52 Datasheet
287Kb / 23P
   8-bit Microcontroller with 8K Bytes QuickFlash
AT89C4051 ATMEL-AT89C4051_08 Datasheet
404Kb / 19P
   8-bit Microcontroller with 4K Bytes Flash
AT87LV51 ATMEL-AT87LV51 Datasheet
293Kb / 16P
   8-bit Microcontroller with 4K Bytes QuickFlash짰
AT89LV51 ATMEL-AT89LV51 Datasheet
157Kb / 16P
   8-Bit Microcontroller with 4K Bytes Flash
AT89C4051 ATMEL-AT89C4051_01 Datasheet
242Kb / 18P
   8-bit Microcontroller with 4K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com