Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT76C101 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT76C101
Description  JPEG Image Compression Processor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C101 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT76C101 Datasheet HTML 5Page - ATMEL Corporation AT76C101 Datasheet HTML 6Page - ATMEL Corporation AT76C101 Datasheet HTML 7Page - ATMEL Corporation AT76C101 Datasheet HTML 8Page - ATMEL Corporation AT76C101 Datasheet HTML 9Page - ATMEL Corporation AT76C101 Datasheet HTML 10Page - ATMEL Corporation AT76C101 Datasheet HTML 11Page - ATMEL Corporation AT76C101 Datasheet HTML 12Page - ATMEL Corporation AT76C101 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AT76C101
9
Table 1. Signal Description
Signal
Type
Description
BST_TEST
Input
BIST test pin (used only for testing), should be grounded.
CLK
Input
Master Clock.
FREEZE
Input
Stall Signal, active high. When this signal is asserted, the chip finishes processing the current
block and then remains in that state until freeze is pulled low.
MAST_CS
Input
Master Chip Select Input. Used by microcontroller to access the JPEG chip. Active low.
PX_CLK
Input
Video Interface Clock (27 MHz fixed).
RESET_
Input
Global Reset Signal, active high, minimum pulse width is three CLK_IN 40 MHz cycles.
TEST
Input
Active high - Puts chip in test mode. User has access to all internal memory. Must be tied to gnd
for normal operation.
HSync
Bidirectional
Indicates start of a horizontal line of the frame.
M_ADD[19:0]
Bidirectional
Memory/Microcontroller Address Bus. Used by JPEG chip to access the compressed data
memory, and used by microcontroller to access the JPEG chip.
M_DATA[7:0]
Bidirectional
Memory/ Microcontroller Data Bus. Used to transfer compressed data to the external storage unit.
Also used by microcontroller to program the JPEG chip.
MAST_OE
Bidirectional
Memory/ Microcontroller Read Select. Active low. Used by microcontroller to read from JPEG
chip and used by JPEG chip to read compressed data from memory.
MAST_WR
Bidirectional
Memory/Microcontroller Write Select. Active low. Used by microcontroller to write to JPEG and
used by JPEG to write to compressed data memory.
SRData[15:0]
Bidirectional
Pixel Data Bus for inputting uncompressed data in encoding mode, or for outputting
decompressed image data in decoding mode.
VSync
Bidirectional
Indicates the start of a frame.
BUSY
Output
Microcontroller bus busy.
Signals whether the JPEG chip (high) or microcontroller (low) controls the bus.
FRAMEND
Output
End of encoding/decoding operation. FRAMEND is active after chip is reset and it remains active
until the Start Register is set by the host.
MEM_CS
Output
Compressed data memory select. Active low. Used by JPEG to select the external memory
device used to store the compressed data stream.
PXIN
Output
Pixel Input Control. It is asserted low when pixels are being input from the active portion of the
frame into the strip buffer.
PXOUT
Output
Pixel Output Control. It ia active only when the pixels from the active region of the field are being
read from the strip buffer.
PXRE
Output
Active low. Controls reading data from external memory.
PXWE
Output
Active low. Controls writing to the external memory.
SRADD[14:0]
Output
Pixel Address Bus. This bus specifies the address location of the external memory device (strip
buffer), from/ to which the pixel data is transferred. Supports external memory of up to 32K
locations.
SRDRIVE
Output
Indicates that the AT76C101 is driving the SRDATA Bus.
stop_pixel
Output
When asserted, all operations in the video interface are stopped. Active when the DCT buffers
are full, or when the ext. video logic is not ready.


Similar Part No. - AT76C101

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C110 ATMEL-AT76C110 Datasheet
51Kb / 3P
   High- Performance Digital Camera Processor
AT76C111 ATMEL-AT76C111 Datasheet
51Kb / 3P
   High-Performance Digital Camera Processor
AT76C112 ATMEL-AT76C112 Datasheet
48Kb / 3P
   High Performance Digital Camera Processor
AT76C113 ATMEL-AT76C113 Datasheet
35Kb / 4P
   High- Performance Digital Camera Processor
AT76C113-H ATMEL-AT76C113-H Datasheet
35Kb / 4P
   High- Performance Digital Camera Processor
More results

Similar Description - AT76C101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
logo
Zoran Corporation
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
Sanyo Semicon Device
LC8220 SANYO-LC8220 Datasheet
191Kb / 13P
   JPEG Still Color Image Compression/Decompression LSI
logo
List of Unclassifed Man...
KL5A71006 ETC-KL5A71006 Datasheet
400Kb / 2P
   JPEG STILL COLOR IMAGE DATA COMPRESSION/DECOMPRESSION LSI
logo
Sanyo Semicon Device
LC8213 SANYO-LC8213 Datasheet
252Kb / 12P
   Image Data Compression/Expansion Processor
LC8213K SANYO-LC8213K Datasheet
56Kb / 5P
   Image Data Compression/Expansion Processor
logo
Rohm
BU6566GVW ROHM-BU6566GVW_09 Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
logo
List of Unclassifed Man...
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
TC5747 ETC2-TC5747 Datasheet
2Mb / 44P
   Single Chip CMOS Imager with Integrated Image Signal Processor and JPEG Codec
logo
Zoran Corporation
PM-22 ZORAN-PM-22 Datasheet
67Kb / 2P
   Multifunction Image Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com