Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F512-90PI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT49F512-90PI
Description  512K 64K x 8 5-volt Only Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F512-90PI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT49F512-90PI Datasheet HTML 1Page - ATMEL Corporation AT49F512-90PI Datasheet HTML 2Page - ATMEL Corporation AT49F512-90PI Datasheet HTML 3Page - ATMEL Corporation AT49F512-90PI Datasheet HTML 4Page - ATMEL Corporation AT49F512-90PI Datasheet HTML 5Page - ATMEL Corporation AT49F512-90PI Datasheet HTML 6Page - ATMEL Corporation AT49F512-90PI Datasheet HTML 7Page - ATMEL Corporation AT49F512-90PI Datasheet HTML 8Page - ATMEL Corporation AT49F512-90PI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AT49F512
4
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH, Device Code: 03H
5. See details under Software Product Identification Entry/Exit.
Note:
1. In the erase mode, I
CC is 90 mA.
DC and AC Operating Range
AT49F512-70
AT49F512-90
Operating
Temperature (Case)
Com.
0
°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C
V
CC Power Supply
5V
± 10%
5V
± 10%
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
V
IL
V
IL
V
IH
Ai
D
OUT
Program(2)
V
IL
V
IH
V
IL
Ai
D
IN
Standby/Write Inhibit
V
IH
X(1)
X
X
High Z
Program Inhibit
X
X
V
IH
Program Inhibit
X
V
IL
X
Output Disable
X
V
IH
X
High Z
Product Identification
Hardware
V
IL
V
IL
V
IH
A1 - A15 = V
IL, A9 = VH, A0 = VIL
(3)
Manufacturer Code(4)
A1 - A15 = V
IL, A9 = VH, A0 = VIH
(3)
Device Code(4)
Software(5)
A0 = V
IL, A1 - A15 = VIL
Manufacturer Code(4)
A0 = V
IH, A1 - A15 = VIL
Device Code(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
Com.
100
µA
Ind.
300
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
3mA
I
CC
(1)
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
Com.
30
mA
Ind.
40
mA
V
IL
Input Low Voltage
0.8
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
V
OH1
Output High Voltage
I
OH = -400 µA2.4
V
V
OH2
Output High Voltage CMOS
I
OH = -100 µA; VCC = 4.5V
4.2
V


Similar Part No. - AT49F512-90PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F516 ATMEL-AT49F516 Datasheet
124Kb / 13P
   512K (32K x 16) 5-volt Only Flash Memory
More results

Similar Description - AT49F512-90PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
284Kb / 18P
   512K (64K x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
   512K (64K x 8) 3-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
   512K 64K x 8 3-volt Only CMOS Flash Memory
AT29C512-20PC ATMEL-AT29C512-20PC Datasheet
897Kb / 17P
   512K (64K x 8) 5-Volt Only CMOS Flash PEROM
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com