Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV1614T-12CI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49BV1614T-12CI
Description  16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV1614T-12CI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49BV1614T-12CI Datasheet HTML 1Page - ATMEL Corporation AT49BV1614T-12CI Datasheet HTML 2Page - ATMEL Corporation AT49BV1614T-12CI Datasheet HTML 3Page - ATMEL Corporation AT49BV1614T-12CI Datasheet HTML 4Page - ATMEL Corporation AT49BV1614T-12CI Datasheet HTML 5Page - ATMEL Corporation AT49BV1614T-12CI Datasheet HTML 6Page - ATMEL Corporation AT49BV1614T-12CI Datasheet HTML 7Page - ATMEL Corporation AT49BV1614T-12CI Datasheet HTML 8Page - ATMEL Corporation AT49BV1614T-12CI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AT49BV16X4(T)
3
A six byte command (bypass unlock) sequence to remove
the requirement of entering the three byte program
sequence is offered to further improve programming time.
After entering the six byte code, only single pulses on the
write control lines are required for writing into the device.
This mode (single pulse byte/word program) is exited by
powering down the device, or by pulsing the RESET pin
low and then bringing it back to VCC. Erase and Erase Sus-
pend/Resume commands will not work while in this mode;
if entered they will result in data being programmed into the
device. It is not recommended that the six byte code reside
in the software of the final product but only exist in external
programming code.
The BYTE pin controls whether the device data I/O pins
operate in the byte or word configuration. If the BYTE pin is
set at logic “1”, the device is in word configuration, I/O0-
I/O15 are active and controlled by CE and OE.
If the BYTE pin is set at logic “0”, the device is in byte con-
figuration, and only data I/O pins I/O0-I/O7 are active and
controlled by CE and OE. The data I/O pins I/O8-I/O14 are
tri-stated, and the I/O15 pin is used as an input for the LSB
(A-1) address function.
Block Diagram
Device Operation
READ: The AT49BV16X4(T) is accessed like an EPROM.
When CE and OE are low and WE is high, the data stored
at the memory location determined by the address pins are
asserted on the outputs. The outputs are put in the high
impedance state whenever CE or OE is high. This dual-line
control gives designers flexibility in preventing bus conten-
tion.
COMMAND SEQUENCES: When the device is first pow-
ered on it will be reset to the read or standby mode
depending upon the state of the control line inputs. In order
to perform other device functions, a series of command
sequences are entered into the device. The command
sequences are shown in the Command Definitions table
(I/O8 - I/O15 are don't care inputs for the command codes).
The command sequences are written by applying a low
pulse on the WE or CE input with CE or WE low (respec-
tively) and OE high. The address is latched on the falling
edge of CE or WE, whichever occurs last. The data is
latched by the first rising edge of CE or WE. Standard
microprocessor write timings are used. The address loca-
tions used in the command sequences are not affected by
entering the command sequences.
IDENTIFIER
REGISTER
STATUS
REGISTER
DATA
COMPARATOR
OUTPUT
BUFFER
INPUT
BUFFER
COMMAND
REGISTER
Y-GATING
WRITE STATE
MACHINE
PROGRAM/ERASE
VOLTAGE SWITCH
CE
WE
OE
RESET
BYTE
RDY/BUSY
VPP
VCC
GND
Y-DECODER
X-DECODER
INPUT
BUFFER
ADDRESS
LATCH
I/O0 - I/O15/A-1
A0 - A19
PLANE B
SECTORS
PLANE A SECTORS


Similar Part No. - AT49BV1614T-12CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1614T-12CI ATMEL-AT49BV1614T-12CI Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV1614T-12CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com