Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT76C001 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT76C001
Description  CBIC Programmable FIR Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C001 Datasheet(HTML) 6 Page - ATMEL Corporation

  AT76C001 Datasheet HTML 1Page - ATMEL Corporation AT76C001 Datasheet HTML 2Page - ATMEL Corporation AT76C001 Datasheet HTML 3Page - ATMEL Corporation AT76C001 Datasheet HTML 4Page - ATMEL Corporation AT76C001 Datasheet HTML 5Page - ATMEL Corporation AT76C001 Datasheet HTML 6Page - ATMEL Corporation AT76C001 Datasheet HTML 7Page - ATMEL Corporation AT76C001 Datasheet HTML 8Page - ATMEL Corporation AT76C001 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Microprocessor Interface
The AT76C001 has an 8 bit configurable microprocessor
interface comprising the following signals:
DATA <7:0>
8 bit data bus
AD– <1:0>
2 bit address bus
CS
Chip Select
DS/WR
Data Strobe or Write signal
RDWR/RD
Read/Write signal or Read signal
By setting bit 1 of the configuration interface (INTEL/
MOTO), it is possible to configure the microprocessor in-
terface to be Motorola or Intel compatible. When cho-
sen, the configuration must be locked by setting bit
LOCK_CFG of the configuration register. This must be
done first of all otherwise the circuit will not function prop-
erly.
Configuration
Motorola Mode
Intel Mode
Intel/Moto bit
Bit set to 0
Bit set to 1
Signals
DATA<7:0>
DATA<7:0>
ADD<1:0>
ADD<1:0>
CS
CS
DS
WR
RD/WR
RD
Internal Registers
The AT76C001 contains three internal registers accessi-
ble in Read and Write via the microprocessor interface,
as soon as it is configured and locked. They are:
Configuration register (CFGR)
Normalization and Rounding Register (NORR)
Filter Order Register (FILR)
Configuration Register
It is an 8 bit register mapped at address 1hex = 01bin
Bit 0 = START/STOP
Activates/deactivates filtering
Bit 1 = INTEL/MOTO
Configures microprocessor
interface to be Intel or Motorola.
Bit 2 = MSB/LSB
Indicates if 16 bit coefficients are
written with Most Significant Byte
or Least Significant Byte ahead.
Bit 3 = LOCK_CFG
Locks the microprocessor
interface configuration.
Bit 4 = SING/SEQ
Indicates the operating mode of
the 4th order cell, i.e. Single
Mode or Sequential Mode.
Bit 5 = BUFF_FULL
Indicates that the sample input
buffer contains N samples when
implementing an N-tap FIR filter.
(continued)
CL O C K
DIV
RS T _ XI
IN
OU T
DO V
X3
X4 = 0
Y0
Y1
Y 2
Y4
X0
X1
X2 = 0
X5 = 0
Y3
Timing Diagram for N-tap Filter where 4<N<9
6
AT76C001


Similar Part No. - AT76C001

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
More results

Similar Description - AT76C001

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com