Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3VM-41LR5 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3VM-41LR5
Description  Wide Range of Contact Forms, Sizes and Package Types
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-41LR5 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3VM-41LR5 Datasheet HTML 1Page - Omron Electronics LLC G3VM-41LR5 Datasheet HTML 2Page - Omron Electronics LLC G3VM-41LR5 Datasheet HTML 3Page - Omron Electronics LLC G3VM-41LR5 Datasheet HTML 4Page - Omron Electronics LLC G3VM-41LR5 Datasheet HTML 5Page - Omron Electronics LLC G3VM-41LR5 Datasheet HTML 6Page - Omron Electronics LLC G3VM-41LR5 Datasheet HTML 7Page - Omron Electronics LLC G3VM-41LR5 Datasheet HTML 8Page - Omron Electronics LLC G3VM-41LR5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
MOS FET Relays
G3VM Series
25
350 V
1 Form A Thru-hole
4
G3VM-2
120
2,500
35
75 pF (typ.)
30
G3VM-2L
120
2,500
35
75 pF (typ.)
Current
limiting
30
G3VM-351A
120
2,500
35
30 pF (typ.)
30
6
G3VM-351B
120
2,500
35
30 pF (typ)
34
G3VM-3
120
2,500
35
75 pF (typ)
36
G3VM-3L
120
2,500
35
75 pF (typ.)
Current
limiting
36
350 V
1 Form A SMT
4
G3VM-2F
120
2,500
35
75 pF (typ.)
50
G3VM-2FL
120
2,500
35
75 pF (typ.)
Current
limiting
50
G3VM-351D
120
2,500
35
30 pF (typ.)
50
6
G3VM-351E
120
2,500
35
30 pF (typ.)
54
G3VM-3F
120
2,500
35
75 pF (typ.)
56
G3VM-3FL
120
2,500
35
75 pF (typ.)
Current
limiting
56
SOP
4
G3VM-351G
110
1,500
35
30 pF (typ.)
70
G3VM-S2
120
1,500
35
75 pF (typ.)
78
6
G3VM-351H
110
1,500
35
30 pF (typ.)
78
G3VM-S3
120
1,500
35
75 pF (typ.)
82
1 Form A
+
1 Form B
Thru-hole
8
G3VM-355CR
120
2,500
25
65 pF (typ.)
44
SMT
8
G3VM-355FR
120
2,500
25
65 pF (typ.)
64
SOP
8
G3VM-355JR
120
2,500
25
65 pF (typ.)
82
2 Form A Thru-hole
8
G3VM-352C
120
2,500
35
30 pF (typ.)
44
G3VM-W
120
2,500
35
75 pF (typ.)
46
G3VM-WL
120
2,500
35
75 pF (typ.)
Current
limiting
48
SMT
8
G3VM-352F
120
2,500
35
30 pF (typ.)
66
G3VM-WF
120
2,500
35
75 pF (typ.)
68
G3VM-WFL
120
2,500
35
75 pF (typ.)
Current
limiting
68
SOP
8
G3VM-352J
110
1,500
35
30 pF (typ.)
82
G3VM-SW
120
1,500
35
75 pF (typ.)
84
1 Form B Thru-hole
4
G3VM-353A
150
2,500
25
100 pF (typ.)
32
6
G3VM-353B
150
2,500
25
100 pF (typ.)
34
SMT
4
G3VM-353D
150
2,500
25
100 pF (typ.)
52
6
G3VM-353E
150
2,500
25
100 pF (typ.)
54
350 V
1 Form B SOP
4
G3VM-353G
120
1,500
25
130 pF (typ.)
72
6
G3VM-353H
120
1,500
25
65 pF (typ.)
80
2 Form B Thru-hole
8
G3VM-354C
120
2,500
35
100 pF (typ.)
48
SMT
8
G3VM-354F
120
2,500
35
100 pF (typ.)
68
SOP
8
G3VM-354J
120
1,500
25
65 pF (typ.)
86
400 V
1 Form A Thru-hole
4
G3VM-401A
120
2,500
35
70 pF (typ.)
32
6
G3VM-401B
120
2,500
35
75 pF (typ.)
36
G3VM-401BY
120
5,000
35
75 pF (typ.)
High I/O
isolation
38
SMT
4
G3VM-401D
120
2,500
35
70 pF (typ.)
52
6
G3VM-401E
120
2,500
35
75 pF (typ.)
56
G3VM-401EY
120
5,000
35
75 pF (typ.)
High I/O
isolation
58
SOP
4
G3VM-401G
120
1,500
35
70 pF (typ.)
72
2 Form A Thru-hole
8
G3VM-402C
120
2,500
35
70 pF (typ.)
46
SMT
8
G3VM-402F
120
2,500
35
70 pF (typ.)
66
SOP
8
G3VM-402J
120
2,500
35
70 pF (typ.)
84
600 V
1 Form A Thru-hole
6
G3VM-601BY
100
5,000
45
100 pF (typ.)
High I/O
isolation
38
SMT
6
G3VM-601EY
100
5,000
35
100 pF (typ.)
High I/O
isolation
58
Load
voltage
Contact
form
Package/
Terminal
shape
No. of
terminals
Model
Load
current
(mA)
Voltage
withstand
(VAC)
ON
resistance
(max.)
Output
capacitance
Additional
features
Page no.


Similar Part No. - G3VM-41LR5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-41LR5 OMRON-G3VM-41LR5 Datasheet
330Kb / 6P
   MOS FET Relays
G3VM-41LR5 OMRON-G3VM-41LR5 Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-41LR5 OMRON-G3VM-41LR5 Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-41LR5TR OMRON-G3VM-41LR5TR Datasheet
330Kb / 6P
   MOS FET Relays
G3VM-41LR5TR05 OMRON-G3VM-41LR5TR05 Datasheet
330Kb / 6P
   MOS FET Relays
More results

Similar Description - G3VM-41LR5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
   A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
   A wide range of marker sizes and colors are available for custom designs
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
logo
PHOENIX CONTACT
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
logo
Pulse A Technitrol Comp...
PE-53362NLT PULSE-PE-53362NLT Datasheet
181Kb / 2P
   Fifteen package sizes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com