Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6ZU-1P Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6ZU-1P
Description  Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6ZU-1P Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6ZU-1P Datasheet HTML 1Page - Omron Electronics LLC G6ZU-1P Datasheet HTML 2Page - Omron Electronics LLC G6ZU-1P Datasheet HTML 3Page - Omron Electronics LLC G6ZU-1P Datasheet HTML 4Page - Omron Electronics LLC G6ZU-1P Datasheet HTML 5Page - Omron Electronics LLC G6ZU-1P Datasheet HTML 6Page - Omron Electronics LLC G6ZU-1P Datasheet HTML 7Page - Omron Electronics LLC G6ZU-1P Datasheet HTML 8Page - Omron Electronics LLC G6ZU-1P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
High-frequency Relay
G6Z
115
Note: 1. The tests were conducted at an ambient temperature of 23
°C.
2. The contact resistance data are periodically measured reference values and are not values from monitoring each operation. Contact
resistance values will vary according to the switching frequency and operating environment, so be sure to check operation under the
actual operating conditions before use.
Operating frequency (
×103 operations)
100
80
60
40
20
0
Must operate
Must release
max.
max.
min.
min.
Sample: G6Z-1PE 75
Ω 5 VDC
Number of Relays: 5
Test conditions: 10 mA resistive load at 30 VAC
Switching frequency: 1,800 operations/h
0.0001 0.001
0.01
0.1
1
10
100
Operating frequency (
×103 operations)
100
80
60
40
20
0
0.0001 0.001
0.01
0.1
1
10
100
Must operate
Must release
max.
max.
min.
min.
Sample: G6Z-1PE 75
Ω 5 VDC
Number of Relays: 5
Test conditions: 10 mA resistive load at 30 VDC
Switching frequency: 1,800 operations/h
Electrical Endurance (with Must
Operate and Must Release Voltage)
Electrical Endurance (with Must
Operate and Must Release Voltage)
Operating frequency (
×103 operations)
1,000
700
500
300
70
50
30
10
100
0.001 0.01
0.1
1
10
100 1,000
max.
max.
min.
min.
Contact resistance
Sample: G6Z-1PE 75
Ω 5 VDC
Number of Relays: 5
Test conditions: 10 mA resistive load
at 30 VDC
Switching frequency: 1,800 operations/h
Operating frequency (
×103 operations)
1,000
700
500
300
70
50
30
10
100
0.001 0.01
0.1
1
10
100 1,000
max.
max.
min.
min.
Sample: G6Z-1PE 75
Ω 5 VDC
Number of Relays: 5
Test conditions: 10 mA resistive load
at 30 VAC
Switching frequency: 1,800 operations/h
Contact resistance
NO
contact
NC
contact
Electrical Endurance
(Contact Resistance)
Electrical Endurance
(Contact Resistance)
NO
contact
NC
contact
External magnetic field (A/m)
−1,200
−800
−400
0
400
800 1,200
+30
+20
+10
0
−10
−20
−30
(Average value)
Sample: G6Z-1P 5 VDC
Number of Relays: 5
Must operate voltage
Must release voltage
S
N
External magnetic field (A/m)
−1,200
−800
−400
0
400
800 1,200
+30
+20
+10
0
−10
−20
−30
(Average value)
Sample: G6Z-1P 5 VDC
Number of Relays: 5
Must operate voltage
Must release voltage
SN
External magnetic field (A/m)
−1,200
−800
−400
0
400
800 1,200
+30
+20
+10
0
−10
−20
−30
(Average value)
Sample: G6Z-1P 5 VDC
Number of Relays: 5
Must operate voltage
Must release voltage
External Magnetic Interference
S
N


Similar Part No. - G6ZU-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6ZU-1P OMRON-G6ZU-1P Datasheet
1Mb / 18P
   High-frequency Relay
G6ZU-1P OMRON-G6ZU-1P Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6ZU-1P-A OMRON-G6ZU-1P-A Datasheet
1Mb / 18P
   High-frequency Relay
G6ZU-1P-A OMRON-G6ZU-1P-A Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6ZU-1PE OMRON-G6ZU-1PE Datasheet
1Mb / 18P
   High-frequency Relay
More results

Similar Description - G6ZU-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Z1PDC24 OMRON-G6Z1PDC24 Datasheet
1Mb / 16P
   Miniature 2.6-GHz-Band, SPDT, High-frequency Relay
G6K-2F-RF OMRON-G6K-2F-RF Datasheet
374Kb / 8P
   Surface-mounting, 1-GHz-Band/ 3-GHz-Band, Miniature, DPDT, High-frequency Relay
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Omron Electronics LLC
G6K-2F-RF-V OMRON-G6K-2F-RF-V Datasheet
545Kb / 7P
   8-GHz Band Miniature DPDT High Frequency Relay for High-speed Differential Transmission Signal Switching
G6K-2F-RF-TDC5 OMRON-G6K-2F-RF-TDC5 Datasheet
326Kb / 8P
   Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
logo
Pasternack Enterprises,...
PE2229-30 PASTERNACK-PE2229-30 Datasheet
262Kb / 1P
   HIGH POWER DIRECTIONAL COUPLER FREQUENCY RANGE: 2.6-5.2 GHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF16082G6W0T WALSIN-RFLPF16082G6W0T Datasheet
521Kb / 7P
   2.6 GHz WiMAX / LTE Bands Working Frequency
logo
California Eastern Labs
UPG2159T5K CEL-UPG2159T5K Datasheet
253Kb / 11P
   L,S-BAND MINIATURE SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com