Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLP4555 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FXLP4555
Description  1.8V / 3.0V SIM Card Power Supply and Level Shifter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLP4555 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FXLP4555 Datasheet HTML 5Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 6Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 7Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 8Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 9Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 10Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 11Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 12Page - Fairchild Semiconductor FXLP4555 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLP4555 • Rev. 1.0.0
10
Application Information
Card Supply Converter
The FXLP4555 interface DC-DC converter is a Low
Dropout (LDO) voltage regulator capable of supplying a
current in excess of 50mA under 1.8V or 3.0V.
Quiescent current is typically lower than 20µA (see
Figure 6 and Figure 7).
VSEL is a select input, allowing
a logic level signal to select a regulated voltage of 1.8V
(VSEL = LOW) or 3.0V (VSEL = HIGH).
FXLP4555 has a shutdown input (EN) that allows it to
turn off or turn on the regulator output. Figure 8 shows a
simplified view of the voltage regulator. The VCC_C output
is internally current limited and protected against short
circuits. The short-circuit current (IVCC_C_SC) is constant
over the SIM Card VCC and VBAT, while it varies with
operating temperature, typically in the range of 90mA to
140mA (Figure 4 and Figure 5).
To guarantee a stable LDO, the VCC_C output is
connected to a 1.0µF bypass ceramic capacitor to
ground. At the input, VBAT is bypassed to ground with a
0.1µF ceramic capacitor.
Level Shifters
The level shifters accommodate any voltage difference
between the Baseband (BB) Processor (1.65V – 5.5V)
and the SIM card (1.8V or 3V). The RESET and CLOCK
level shifters are uni-directional (from BB to SIM).
The bidirectional I/O line automatically adapts the
voltage difference between the baseband and the SIM
card in both directions. In addition, with the pull-up
resistor, an active edge rate accelerator circuit (see
Figure
9
) provides a fast charge of the stray
capacitance, yielding a rise time within the ISO7816-3
specifications.
The typical waveform provided in Figure 10 shows how
the accelerator operates. Two distinct slew rates are
observed. From 0V to approximately VCC/2, the slew
rate is the RC time constant of the pull-up resistor and
the stray capacitance. When the input slope crosses the
VCC/2 threshold, the edge rate accelerator is activated,
resulting in the faster slew rate from approximately
VCC/2 to VCC as depicted in Figure 10.
Figure 8.
Simplified Block Diagram of the LDO
Voltage Regulator
Figure 9.
Basic I/O Line Interface
Figure 10.
SIM_IO Typical Rise and Fall Times with
Stray Capacitance > 30pF
(33pF Capacitor Connected on the Board)
Figure 11. Typical Schmitt Trigger Characteristics
VSEL
VCC_C
EN
VBAT


Similar Part No. - FXLP4555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
FXLP4555MPX ONSEMI-FXLP4555MPX Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
More results

Similar Description - FXLP4555

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP4555 FAIRCHILD-FXLP4555 Datasheet
992Kb / 13P
   1.8V / 3.0V SIM Card Power Supply and Level Shifter
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
   SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
NCN6010 ONSEMI-NCN6010 Datasheet
173Kb / 16P
   SIM Card Supply and Level Shifter
April, 2001 ??Rev. 1
NCN6010 ONSEMI-NCN6010_06 Datasheet
184Kb / 16P
   SIM Card Supply and Level Shifter
March, 2006 ??Rev. 2
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
TXS4555_1105 TI-TXS4555_1105 Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
Linear Technology
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com