Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

691340500003 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 691340500003
Description  Terminal Block WR-TBL
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

691340500003 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 691340500003 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 691340500003 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 691340500003 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 691340500003 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 691340500003 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 691340500003 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 691340500003 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 691340500003 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 691340500003 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
14
www.we-online.com
14-7
09/08
MATERIAL
• Insulator material:
PA 66
• Flammability rating:
UL94-V0
• Colour:
Blue
• Metal housing:
Brass (CuZn)
• Terminal screw:
Steel Zinc plating “-” slot type
• Wire guard:
Stainless steel
• Surface of solder tail plating:
Tin
ENVIRONMENTAL
• Operating temperature:
–40 °C up to 105 °C
• Compliance:
Lead free & RoHS
• Safety approval:
See table
SOLDERING
• Solder temperature:
JEDEC lead free wave soldering
ELECTRICAL
UL
VDE
• Current rating:
16A
16A
• Working voltage:
250Vac
250Vac
• Withstanding voltage:
1.5kV
2.0kV
• Contact resistance:
20 mOhm max
MECHANICAL
• Solid wire:
26 - 14AWG / 1.0 - 2.5mm²
• Stranded wire:
26 - 14AWG / 1.0 - 2.5mm²
• Torque:
2.6Lb-In / 0.6Nm
• Wire strip length
6 - 7mm
• Screw:
M3
• Pitch:
5.0mm
PACKAGING
• Box
Note: Other pin number are available, based on combinations
of 2 & 3pins, but they are not kept in stock and are subject to
MOQ
Serie 101 - 5.0mm Horizontal Entry Modular with
Pressure Clamp - 2.5mm² Wires WR-TBL
Stackable
Order Code
Pins
AWG
Approval Certification
691 101 710 002
2
See Mechanical characteristics
691 101 710 003
3


Similar Part No. - 691340500003

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6913 MICRONETICS-6913 Datasheet
37Kb / 1P
   SINGLE POLE, DOUBLE THROW COMMERCIAL MICROSTRIP MODULES
logo
Wurth Elektronik GmbH &...
691304130002 WURTH-691304130002 Datasheet
223Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130002 WURTH-691304130002 Datasheet
222Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130002 WURTH-691304130002 Datasheet
223Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
691304130002 WURTH-691304130002 Datasheet
222Kb / 5P
   Serie 3041 - 3.50 mm Screwless Vertical Entry Plug w. Plastic Latch WR-TBL
More results

Similar Description - 691340500003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
691805010302 WURTH-691805010302 Datasheet
227Kb / 5P
   Serie 8050 - 2.50mm Screwless SMT - WR-TBL
691805010303 WURTH-691805010303 Datasheet
227Kb / 5P
   Serie 8050 - 2.50mm Screwless SMT - WR-TBL
6913223100XX WURTH-6913223100XX Datasheet
189Kb / 1P
   SERIE 322 - 3.81MM HORIZONTAL PCB HEADER WR-TBL
691411410002 WURTH-691411410002 Datasheet
195Kb / 4P
   Serie 4114 - 7.62mm Screwless Horizontal Entry WR-TBL
691412320010M WURTH-691412320010M Datasheet
195Kb / 4P
   Serie 4123M - 3.81 mm Screwless 45 Entry WR-TBL
691412320002M WURTH-691412320002M Datasheet
195Kb / 4P
   Serie 4123M - 3.81 mm Screwless 45 Entry WR-TBL
691412320012 WURTH-691412320012 Datasheet
195Kb / 4P
   Serie 4123 - 3.81 mm Screwless 45 Entry WR-TBL
691412320010 WURTH-691412320010 Datasheet
195Kb / 4P
   Serie 4123 - 3.81 mm Screwless 45 Entry WR-TBL
691201820002 WURTH-691201820002 Datasheet
175Kb / 4P
   Serie 2018 - 10.00mm 45 Entry w. Rising Cage Clamp WR-TBL
691201820001 WURTH-691201820001 Datasheet
172Kb / 4P
   Serie 2018 - 10.00mm 45 Entry w. Rising Cage Clamp WR-TBL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com