Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM4NB60CHC5G Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4NB60CHC5G
Description  600V N-Channel Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4NB60CHC5G Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM4NB60CHC5G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4NB60CHC5G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4NB60CHC5G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4NB60CHC5G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4NB60CHC5G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4NB60CHC5G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM4NB60CHC5G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM4NB60CHC5G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM4NB60CHC5G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TSM4NB60
600V N-Channel Power MOSFET
4/11
Version: F13
Diode Reverse Recovery Time Test Circuit & Waveform


Similar Part No. - TSM4NB60CHC5G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4NB60CHC5G TSC-TSM4NB60CHC5G Datasheet
382Kb / 10P
   600V N-Channel Power MOSFET
TSM4NB60CHC5G TSC-TSM4NB60CHC5G Datasheet
1Mb / 11P
   600V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM4NB60CHC5G VBSEMI-TSM4NB60CHC5G Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - TSM4NB60CHC5G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com