Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B10B-PUDSS-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B10B-PUDSS-1
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B10B-PUDSS-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B10B-PUDSS-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers B10B-PUDSS-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers B10B-PUDSS-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers B10B-PUDSS-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Contact
PUD CONNECTOR
A
2
B
8.3
Circuit No.1
mark
A
2
B
8.3
Circuit No.1
mark
Circuits
Model No.
Dimensions (mm)
A
B
Material
Q’ty /
bag
PBT, UL94V-0, natural
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
PUDP-08V-S
PUDP-10V-S
PUDP-12V-S
PUDP-14V-S
PUDP-16V-S
PUDP-18V-S
PUDP-20V-S
PUDP-22V-S
PUDP-24V-S
PUDP-26V-S
PUDP-28V-S
PUDP-30V-S
PUDP-32V-S
PUDP-34V-S
PUDP-36V-S
PUDP-38V-S
PUDP-40V-S
7.5
2.85
1.35
1.65
Material and Finish
Model No.
Applicable wire
Q’ty /
reel
mm2
AWG#
Insulation O.D.
(mm)
Copper alloy, tin-plated (reflow treatment)
SPUD-001T-P0.5
SPUD-002T-P0.5
0.13∼0.33
0.08∼0.22
26∼22
28∼24
0.95∼1.5
0.8 ∼1.5
8,000
8,000
RoHS compliance
RoHS compliance
A
2
B
8.3
Circuit No.1
mark
8.3
A
2
B
Circuit No.1
mark
A
2
B
8.3
Circuit No.1
mark
A
2
B
8.3
Circuit No.1
mark
Contact
Crimping
machine
AP-K2N
MKS-L
MK/SPUD-001-05
Applicator
Crimp applicator
Dies
APLMK SPUD001-05
Crimp applicator with dies
SPUD-001T-P0.5
AP-K2N
MKS-L
MK/SPUD-002-05
APLMK SPUD002-05
SPUD-002T-P0.5
Housing
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PUDP-08V-S
S...natural Z...ivory E...blue K...black TR...tomato red
MG...moss green DPK...dark pink CB...cobalt blue
DO...dark orange
〈8, 10 circuits〉
〈16, 18 circuits〉
〈24 to 28 circuits〉
〈30 to 40 circuits〉
〈12, 14 circuits〉
〈20, 22 circuits〉


Similar Part No. - B10B-PUDSS-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B10B-PADSS-1F ETC2-B10B-PADSS-1F Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B10B-PADSS-F ETC2-B10B-PADSS-F Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B10B-PASK ETC2-B10B-PASK Datasheet
366Kb / 11P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B10B-PASK ETC2-B10B-PASK Datasheet
330Kb / 12P
   2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
B10B-PASK ETC2-B10B-PASK Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
More results

Similar Description - B10B-PUDSS-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com