Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49HLV010-90JI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49HLV010-90JI
Description  1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49HLV010-90JI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49HLV010-90JI Datasheet HTML 3Page - ATMEL Corporation AT49HLV010-90JI Datasheet HTML 4Page - ATMEL Corporation AT49HLV010-90JI Datasheet HTML 5Page - ATMEL Corporation AT49HLV010-90JI Datasheet HTML 6Page - ATMEL Corporation AT49HLV010-90JI Datasheet HTML 7Page - ATMEL Corporation AT49HLV010-90JI Datasheet HTML 8Page - ATMEL Corporation AT49HLV010-90JI Datasheet HTML 9Page - ATMEL Corporation AT49HLV010-90JI Datasheet HTML 10Page - ATMEL Corporation AT49HLV010-90JI Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AT49(H)BV/(H)LV010
7
Program Cycle Characteristics
Program Cycle Waveforms
Chip Erase Cycle Waveforms
Note:
OE must be high only when WE and CE are both low.
Symbol
Parameter
Min
Typ
Max
Units
t
BP
Byte Programming Time
30
µs
t
AS
Address Set-up Time
0
ns
t
AH
Address Hold Time
100
ns
t
DS
Data Set-up Time
100
ns
t
DH
Data Hold Time
0
ns
t
WP
Write Pulse Width
200
ns
t
WPH
Write Pulse Width High
200
ns
t
EC
Erase Cycle Time
10
seconds
CE
WE
DATA
A0-A16
tBP
tAH
OE
tAS
tWPH
tDS
tDH
tWP
5555
2AAA
5555
AA
55
A0
ADDRESS
PROGRAM CYCLE
INPUT
DATA
CE
WE
DATA
A0-A16
tAH
OE
tAS
tWPH
tDS
tDH
tWP
5555
2AAA
5555
AA
55
80
5555
2AAA
5555
AA
55
10
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
tEC


Similar Part No. - AT49HLV010-90JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49HF010 ATMEL-AT49HF010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45JC ATMEL-AT49HF010-45JC Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45JI ATMEL-AT49HF010-45JI Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45PC ATMEL-AT49HF010-45PC Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45PI ATMEL-AT49HF010-45PI Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49HLV010-90JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
   1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com