Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C256F-20SC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28C256F-20SC
Description  256K 32K x 8 Paged CMOS E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256F-20SC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28C256F-20SC Datasheet HTML 1Page - ATMEL Corporation AT28C256F-20SC Datasheet HTML 2Page - ATMEL Corporation AT28C256F-20SC Datasheet HTML 3Page - ATMEL Corporation AT28C256F-20SC Datasheet HTML 4Page - ATMEL Corporation AT28C256F-20SC Datasheet HTML 5Page - ATMEL Corporation AT28C256F-20SC Datasheet HTML 6Page - ATMEL Corporation AT28C256F-20SC Datasheet HTML 7Page - ATMEL Corporation AT28C256F-20SC Datasheet HTML 8Page - ATMEL Corporation AT28C256F-20SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AT28C256
256K (32K x 8)
Paged
CMOS
E
2PROM
Features
Fast Read Access Time - 150 ns
Automatic Page Write Operation
Internal Address and Data Latches for 64-Bytes
Internal Control Timer
Fast Write Cycle Times
Page Write Cycle Time: 3 ms or 10 ms Maximum
1 to 64-Byte Page Write Operation
Low Power Dissipation
50 mA Active Current
200
µA CMOS Standby Current
Hardware and Software Data Protection
DATA Polling for End of Write Detection
High Reliability CMOS Technology
Endurance: 10
4 or 105 Cycles
Data Retention: 10 Years
Single 5V ± 10% Supply
CMOS and TTL Compatible Inputs and Outputs
JEDEC Approved Byte-Wide Pinout
Full Military, Commercial, and Industrial Temperature Ranges
Description
The AT28C256 is a high-performance Electrically Erasable and Programmable Read
Only Memory. Its 256K of memory is organized as 32,768 words by 8 bits. Manufac-
tured with Atmel’s advanced nonvolatile CMOS technology, the device offers access
times to 150 ns with power dissipation of just 440 mW. When the device is deselected,
the CMOS standby current is less than 200
µA.
(continued)
LCC, PLCC
Top View
Pin Name
Function
A0 - A14
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
Pin Configurations
TSOP
Top View
PGA
Top View
Note: PLCC package pins 1 and
17 are DON’T CONNECT.
CERDIP, PDIP,
FLATPACK, SOIC
Top View
0006F
AT28C256
2-217


Similar Part No. - AT28C256F-20SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256F-20DM/883 ATMEL-AT28C256F-20DM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20FM/883 ATMEL-AT28C256F-20FM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20LM/883 ATMEL-AT28C256F-20LM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20UM/883 ATMEL-AT28C256F-20UM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
More results

Similar Description - AT28C256F-20SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Sharp Corporation
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
   CMOS 256K (32K x 8) MROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com