Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F1604-70UI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49F1604-70UI
Description  16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F1604-70UI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49F1604-70UI Datasheet HTML 6Page - ATMEL Corporation AT49F1604-70UI Datasheet HTML 7Page - ATMEL Corporation AT49F1604-70UI Datasheet HTML 8Page - ATMEL Corporation AT49F1604-70UI Datasheet HTML 9Page - ATMEL Corporation AT49F1604-70UI Datasheet HTML 10Page - ATMEL Corporation AT49F1604-70UI Datasheet HTML 11Page - ATMEL Corporation AT49F1604-70UI Datasheet HTML 12Page - ATMEL Corporation AT49F1604-70UI Datasheet HTML 13Page - ATMEL Corporation AT49F1604-70UI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AT49F16X4(T)
10
Memory Plane A - Top Boot
Sector
Size (Bytes/Words)
x8
Address Range (A19 - A-1)
x16
Address Range (A19 - A0)
SA24
64K/32K
180000 - 18FFFF
C0000 - C7FFF
SA25
64K/32K
190000 - 19FFFF
C8000 - CFFFF
SA26
64K/32K
1A0000 - 1AFFFF
D0000 - D7FFF
SA27
64K/32K
1B0000 - 1BFFFF
D8000 - DFFFF
SA28
64K/32K
1C0000 - 1CFFFF
E0000 - E7FFF
SA29
64K/32K
1D0000 - 1DFFFF
E8000 - EFFFF
SA30
32K/16K
1E0000 - 1E7FFF
F0000 - F3FFF
SA31
32K/16K
1E8000 - 1EFFFF
F4000 - F7FFF
SA32
8K/4K
1F0000 - 1F1FFF
F8000 - F8FFF
SA33
8K/4K
1F2000 - 1F3FFF
F9000 - F9FFF
SA34
8K/4K
1F4000 - 1F5FFF
FA000 - FAFFF
SA35
8K/4K
1F6000 - 1F7FFF
FB000 - FBFFF
SA36
8K/4K
1F8000 - 1F9FFF
FC000 - FCFFF
SA37
8K/4K
1FA000 - 1FBFFF
FD000 - FDFFF
SA38
8K/4K
1FC000 - 1FDFFF
FE000 - FEFFF
SA39
8K/4K
1FE000 - 1FFFFF
FF000 - FFFFF


Similar Part No. - AT49F1604-70UI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F1024 ATMEL-AT49F1024 Datasheet
178Kb / 13P
   1-Megabit 64K x 16 5-volt Only Flash Memory
AT49F1024-45VC ATMEL-AT49F1024-45VC Datasheet
178Kb / 13P
   1-Megabit 64K x 16 5-volt Only Flash Memory
AT49F1024-55VC ATMEL-AT49F1024-55VC Datasheet
178Kb / 13P
   1-Megabit 64K x 16 5-volt Only Flash Memory
AT49F1024-55VI ATMEL-AT49F1024-55VI Datasheet
178Kb / 13P
   1-Megabit 64K x 16 5-volt Only Flash Memory
AT49F1024-70VC ATMEL-AT49F1024-70VC Datasheet
178Kb / 13P
   1-Megabit 64K x 16 5-volt Only Flash Memory
More results

Similar Description - AT49F1604-70UI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com