Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C256F-20PC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT28C256F-20PC
Description  256K 32K x 8 Paged CMOS E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256F-20PC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT28C256F-20PC Datasheet HTML 1Page - ATMEL Corporation AT28C256F-20PC Datasheet HTML 2Page - ATMEL Corporation AT28C256F-20PC Datasheet HTML 3Page - ATMEL Corporation AT28C256F-20PC Datasheet HTML 4Page - ATMEL Corporation AT28C256F-20PC Datasheet HTML 5Page - ATMEL Corporation AT28C256F-20PC Datasheet HTML 6Page - ATMEL Corporation AT28C256F-20PC Datasheet HTML 7Page - ATMEL Corporation AT28C256F-20PC Datasheet HTML 8Page - ATMEL Corporation AT28C256F-20PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC + 1V
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC + 1V
Com., Ind.
200
µA
Mil.
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC + 1V
3
mA
ICC
VCC Active Current
f = 5 MHz; IOUT = 0 mA
50
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
.45
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
DC Characteristics
AT28C256-15
AT28C256-20
AT28C256-25
AT28C256-35
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
Mil.
-55°C - 125°C
-55°C - 125°C
-55°C - 125°C
-55°C - 125°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
DC and AC Operating Range
Mode
CE
OE
WE
I/O
Read
VIL
VIL
VIH
DOUT
Write (2)
VIL
VIH
VIL
DIN
Standby/Write Inhibit
VIH
X
(1)
X
High Z
Write Inhibit
X
X
VIH
Write Inhibit
X
VIL
X
Output Disable
X
VIH
X
High Z
Chip Erase
VIL
VH
(3)
VIL
High Z
3. VH = 12.0V
± 0.5V.
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
Operating Modes
DEVICE IDENTIFICATION: A n ex tr a 64 - b yt es of
E2PROM memory are available to the user for device
identification. By raising A9 to 12V
± 0.5V and using ad-
dress locations 7FC0H to 7FFFH the additional bytes may
be written to or read from in the same manner as the regu-
lar memory array.
OPTIONAL CHIP ERASE MODE: The entire device can
be erased using a 6-byte software code. Please see Soft-
ware Chip Erase application note for details.
Device Operation (Continued)
2-220
AT28C256


Similar Part No. - AT28C256F-20PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C256F-20DM/883 ATMEL-AT28C256F-20DM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20FM/883 ATMEL-AT28C256F-20FM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20LM/883 ATMEL-AT28C256F-20LM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256F-20UM/883 ATMEL-AT28C256F-20UM/883 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
More results

Similar Description - AT28C256F-20PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
   256K 32K x 8 Low Voltage CMOS E2PROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Sharp Corporation
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
   CMOS 256K (32K x 8) MROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT28LV010 ATMEL-AT28LV010 Datasheet
498Kb / 9P
   1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com