Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30B-PUDSS-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S30B-PUDSS-1
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S30B-PUDSS-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S30B-PUDSS-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers S30B-PUDSS-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers S30B-PUDSS-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers S30B-PUDSS-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.2
±0.05
2
±0.05
A
±0.05
(2)
φ1.3
+0.1
0
Connector outline
φ0.7
+0.1
0
Odd
number
circuits
Even
number
circuits
Circuit No.1
A
±0.05
0.9
±0.05
φ1.6
+0.1
0
2
±0.05
φ0.7
+0.1
0
(2)
Connector outline
Odd number
circuits
Even number
circuits
Circuit No.1
2
10.1
(14.1)
2
8.3
(0.4)
1
2
±0.05
1min
1min
A
±0.1
Connector outline
Circuit No.1
Even number circuits
Odd number circuits
8.8
(1.6)
Note: 1.Tolerances are non-cumulative:
±0.05mm for all centers.
2.The dimensions above should serve as a guideline. Contact JST for details.
Note: 1.Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method.
The dimensions above should serve as a guideline. Contact JST for details.
PUD CONNECTOR
2.0mm pitch/Disconnectable Crimp style connectors
This is a board-to-wire connector with
secure locking device that has been
designed to 2.0mm pitch, crimping style
and double-row. In spite of realizing low
insertion force, the stable electric
connection is demonstrated against the
condition such as vibration, pinching and
dry circuit. It is possible to unfasten the
locking even if the header is surrounded
with a case wall within height of header
because the tip of locking device in
receptacle does not protrude from its area.
Specifications –––––––––––––––––––
• Current rating:
3A AC, DC (AWG#22)
• Voltage rating:
250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m
Ω max.
After environmental testing/20m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: 001 type/AWG #26 to #22
002 type/AWG #28 to #24
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E 60389
• High reliability contact
• Superior operability
• Secure locking structure
• Polarizing key for mounting on PC board
PC board layout (viewed from component side) and Assembly layout
Top entry type
SMT type
Side entry type


Similar Part No. - S30B-PUDSS-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S30B-PHDSS ETC2-S30B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S30B-PHDSS-B ETC2-S30B-PHDSS-B Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
More results

Similar Description - S30B-PUDSS-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com