Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT0805CRB07470RL Datasheet(PDF) 3 Page - YAGEO Corporation

Part # RT0805CRB07470RL
Description  THIN FILM CHIP RESISTORS High precision - high stability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RT0805CRB07470RL Datasheet(HTML) 3 Page - YAGEO Corporation

  RT0805CRB07470RL Datasheet HTML 1Page - YAGEO Corporation RT0805CRB07470RL Datasheet HTML 2Page - YAGEO Corporation RT0805CRB07470RL Datasheet HTML 3Page - YAGEO Corporation RT0805CRB07470RL Datasheet HTML 4Page - YAGEO Corporation RT0805CRB07470RL Datasheet HTML 5Page - YAGEO Corporation RT0805CRB07470RL Datasheet HTML 6Page - YAGEO Corporation RT0805CRB07470RL Datasheet HTML 7Page - YAGEO Corporation RT0805CRB07470RL Datasheet HTML 8Page - YAGEO Corporation RT0805CRB07470RL Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Oct 21, 2009 V.4
Product specification
3
10
SERIES
RT
0402 to 2512 (RoHS Compliant)
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products. For matching traditional types with size codes, please refer to “Comparison table of traditional
types and sizes”.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
NOTE
1. All our RSMD products meet RoHS compliant and Halogen Free. "LFP" of the internal 2D reel label mentions "Lead Free Process"
2. On customized label, "LFP" or specific symbol can be printed
12NC CODE
2390
X
XX
X
XXXX
L
(1)
(2)
(3)
(4)
(5)
(6)
START
WITH (1)
TCR (2)
(ppm/°C)
PACKING CODE
BY SIZE (inch) (3)
TOL. (4)
(%)
RESISTANCE
RANGE
DEFAULT
CODE
(NOTE)
2390
8 = ±10 0402: 07 = 7'' reel 7 = ±1
7 = ±15
27 = 10'' reel 6 = ±0.5
6 = ±25
47 = 13'' reel 5 = ±0.25
4 = ±50 0603: 04 = 7'' reel 4 = ±0.1
24 = 10'' reel 3 = ±0.05
44 = 13'' reel
0805: 01 = 7'' reel
21 = 10'' reel
41 = 13'' reel
1206: 11 = 7'' reel
31 = 10'' reel
51 = 13'' reel
1210: 12 = 7'' reel
32 = 10'' reel
52 = 13'' reel
2010: 15 = 7'' reel
2512: 18 = 7'' reel
The remaining 4 digits
represent the resistance
value with the last digit
indicating the multiplier
as shown in the table of
“Last digit of 12NC”.
0402: 10Ω ≤ R < 121KΩ
0603: 5.1 Ω ≤ R ≤ 681 KΩ
0805: 5.1Ω ≤ R ≤ 1.5 MΩ
1206: 5.1Ω ≤ R ≤ 1.5 MΩ
1210: 5.1Ω ≤ R ≤ 1.5 MΩ
2010: 10Ω ≤ R ≤ 1 MΩ
2512: 10Ω ≤ R ≤ 1 MΩ
Letter L is
system
default
code for
order only
Exceptions to above packing code definitions:
0805 TC50 with 1%, supplied in 13" reel, the packing code is 02.
0603 TC50 with 1%, supplied in 13" reel, the packing code is 03.
2512 TC15, in 7" reel, the packing code is 35.
2010 TC15, in 7" reel, the packing code is 31.
ORDERING EXAMPLE
The ordering code of a TF221 resistor, TC50, value 56 X, with ±0.5%
tolerance, supplied in tape of 5,000 units per reel is: 239040465609L or
RT0603DRE0756RL.
Resistance decade (3)
Last digit
1 to 9.76 X
8
10 to 97.6 X
9
100 to 976 X
1
1 to 9.76 kX
2
10 to 97.6 kX
3
100 to 976 kX
4
1 to 9.76 MX
5
10 to 97.6 MX
6
Example:
1 X
=
1008 or 108
33 kX
=
3303 or 333
10 MX =
1006 or 106
Comparison table of traditional
types and sizes
TF
X
X
X
(1)
(2)
(3)
(4)
START
WITH
SIZE
CODE
TCR
(ppm/°C)
TOL.
(%)
TF
3 = 0402 4 = ±10 0 = ±1
2 = 0603 3 = ±15 1 = ±0.5
1 = 0805 1 = ±25 2 = ±0.25
0 = 1206 2 = ±50 3 = ±0.1
5 = 1210
4 = ±0.05
7 = 2010
6 = 2512
Example:
TF321 = RT0402, TC50, ±0.5% tolerance


Similar Part No. - RT0805CRB07470RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0805CRB0710KL YAGEO-RT0805CRB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805CRB0710RL YAGEO-RT0805CRB0710RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805CRB076K8L YAGEO-RT0805CRB076K8L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805CRB07XRXXL YAGEO-RT0805CRB07XRXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0805CRB07XXRXL YAGEO-RT0805CRB07XXRXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
More results

Similar Description - RT0805CRB07470RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0603FRE0710KL YAGEO-RT0603FRE0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805FRE076K8L YAGEO-RT0805FRE076K8L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K01L YAGEO-RT1206FRE073K01L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K9L YAGEO-RT1206FRE073K9L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0100LRA07XXXXL YAGEO-RT0100LRA07XXXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0805FRE0710RL YAGEO-RT0805FRE0710RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805DRE07820RL YAGEO-RT0805DRE07820RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE072KL YAGEO-RT1206FRE072KL Datasheet
392Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K3L YAGEO-RT1206FRE073K3L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com