Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF30H120C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSF30H120C
Description  Trench MOS Barrier Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF30H120C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF30H120C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF30H120C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF30H120C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- Patented Trench MOS Barrier Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Lower power loss/ High efficiency
- High forward surge capability
SYMBOL
UNIT
VRRM
V
dV/dt
V/μs
VBR
V
IF = 5A
IF = 7.5A
IF = 15A
IF = 5A
IF = 7.5A
IF = 15A
TJ = 25°C
μA
TJ = 125°C
mA
RθjC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1401025
Version: B14
- Halogen-free according to IEC 61249-2-21 definition
Molding compound meets UL 94 V-0 flammability rating
Base P/N with suffix "G" on packing code - halogen-free, RoHS compliant
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
TSF30H120C
150
Taiwan Semiconductor
A
IF(AV)
ITO-220AB
per device
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load per diode
PARAMETER
Polarity:
As marked
Weight:
1.7g (approximately)
1500
120
Operating junction temperature range
Storage temperature range
- 55 to +150
- 55 to +150
Typical thermal resistance per diode
4.5
MECHANICAL DATA
Maximum average forward rectified
current
10000
Mounting torque:
5 in-lbs. max.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
Voltage rate of change (Rated VR)
per diode
Case:
ITO-220AB
Maximum repetitive peak reverse voltage
0.58
-
-
MIN.
Isolation voltage from terminal to heatsink t = 1 min
VAC
TYP.
MAX.
Breakdown voltage ( IR =1.0mA, Ta =25°C )
-
Trench MOS Barrier Schottky Rectifier
TSF30H120C
120
V
A
0.93
FEATURES
30
IFSM
15
-
Instantaneous forward voltage per diode
( Note1 )
TJ = 25°C
VF
-0.65
-
TJ = 125°C
VF
-
-
500
-
V
-0.70
-
-0.81
0.53
-20
Note 1: Pulse Test with Pulse Width=300 μs, 1% Duty Cycle
-
-
0.67
0.75
Instantaneous reverse current per diode at rated
reverse voltage
IR
-


Similar Part No. - TSF30H120C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF30H120C TSC-TSF30H120C Datasheet
241Kb / 5P
   Trench Schottky Rectifier
More results

Similar Description - TSF30H120C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 22-May-12
logo
DONGGUAN YOU FENG WEI E...
8A45-DO-201AD YFWDIODE-8A45-DO-201AD Datasheet
1,012Kb / 3P
   Trench MOS Barrier Schottky Rectifier
8L45-DO-201AD YFWDIODE-8L45-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
3L40-DO-201AD YFWDIODE-3L40-DO-201AD Datasheet
829Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L80-DO-201AD YFWDIODE-10L80-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 08-Sep-09
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Nov-10
logo
DONGGUAN YOU FENG WEI E...
10V150SP YFWDIODE-10V150SP Datasheet
838Kb / 3P
   Trench MOS Barrier Schottky Rectifier
15L45SC YFWDIODE-15L45SC Datasheet
731Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com