Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF20H150C Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSF20H150C
Description  Trench MOS Barrier Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF20H150C Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSF20H150C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF20H150C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF20H150C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
4.30
4.70
0.169
0.185
B
2.50
3.16
0.098
0.124
C
2.30
2.96
0.091
0.117
D
0.46
0.76
0.018
0.030
E
6.30
6.90
0.248
0.272
F
9.60
10.30
0.378
0.406
G
3.00
3.40
0.118
0.134
H
0.95
1.45
0.037
0.057
I
0.50
0.90
0.020
0.035
J
2.40
3.20
0.094
0.126
K
14.80
15.50
0.583
0.610
L
-
4.10
-
0.161
M
12.60
13.80
0.496
0.543
N
-
1.80
-
0.071
O
2.41
2.67
0.095
0.105
P/N
= Specific Device Code
YWW
= Date Code
F
= Factory Code
Document Number:DS_DS_D1401006
Version:D14
TSF20H100C thru TSF20H150C
Taiwan Semiconductor
MARKING DIAGRAM
DIM.
Unit(mm)
Unit(inch)
10
100
1000
10000
0.1
1
10
100
f=1.0MHz
Vslg=50mVp-p
FIG. 8 TYPICAL JUNCTION
CAPACITANCE
REVERSE VOLTAGE (V)
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Tj=25oC
Tj=100oC
Tj=125oC
Tj=150oC
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90 100
Tj=25oC
Tj=100oC
Tj=125oC
Tj=150oC
PERCENT OF RATED PEAK REVERSE
VOLTAGE (%)
TSF20H150C
FIG. 6 TYPICAL REVERSE CHARACTERISTICS
FIG. 7 TYPICAL REVERSE CHARACTERISTICS
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Tj=25oC
Tj=125o
Tj=100oC
Tj=150oC
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
FIG. 5 TYPICAL REVERSE CHARACTERISTICS
TSF20H100C
TSF20H120C


Similar Part No. - TSF20H150C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF20H150C TSC-TSF20H150C Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF20H150C-S TSC-TSF20H150C-S Datasheet
243Kb / 5P
   Trench Schottky Rectifier
More results

Similar Description - TSF20H150C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 22-May-12
logo
DONGGUAN YOU FENG WEI E...
8A45-DO-201AD YFWDIODE-8A45-DO-201AD Datasheet
1,012Kb / 3P
   Trench MOS Barrier Schottky Rectifier
8L45-DO-201AD YFWDIODE-8L45-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
3L40-DO-201AD YFWDIODE-3L40-DO-201AD Datasheet
829Kb / 3P
   Trench MOS Barrier Schottky Rectifier
10L80-DO-201AD YFWDIODE-10L80-DO-201AD Datasheet
1Mb / 3P
   Trench MOS Barrier Schottky Rectifier
logo
Vishay Siliconix
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
   Trench MOS Barrier Schottky Rectifier
Revision: 08-Sep-09
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
   Trench MOS Barrier Schottky Rectifier
Revision: 18-Nov-10
logo
DONGGUAN YOU FENG WEI E...
10V150SP YFWDIODE-10V150SP Datasheet
838Kb / 3P
   Trench MOS Barrier Schottky Rectifier
15L45SC YFWDIODE-15L45SC Datasheet
731Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com