Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F040-12TC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49F040-12TC
Description  4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F040-12TC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49F040-12TC Datasheet HTML 1Page - ATMEL Corporation AT49F040-12TC Datasheet HTML 2Page - ATMEL Corporation AT49F040-12TC Datasheet HTML 3Page - ATMEL Corporation AT49F040-12TC Datasheet HTML 4Page - ATMEL Corporation AT49F040-12TC Datasheet HTML 5Page - ATMEL Corporation AT49F040-12TC Datasheet HTML 6Page - ATMEL Corporation AT49F040-12TC Datasheet HTML 7Page - ATMEL Corporation AT49F040-12TC Datasheet HTML 8Page - ATMEL Corporation AT49F040-12TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Read Characteristics
AT49F040-90
AT49F040-12
AT49F040-15
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
tACC
Address to Output Delay
90
120
150
ns
tCE (1)
CE to Output Delay
90
120
150
ns
tOE (2)
OE to Output Delay
0
40
0
50
0
70
ns
tDF (3, 4)
CE or OE to Output Float
0
25
0
30
0
40
ns
tOH
Output Hold from OE, CE or
Address, whichever occurred
first
00
0
ns
Notes: 1. CE may be delayed up to tACC - tCE after the address
transition without impact on tACC .
2. OE may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE or by tACC - tOE
after an address change without impact on tACC .
3. tDF is specified from OE or CE whichever occurs first
(CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Waveforms
(1, 2, 3, 4)
tR, tF < 5 ns
Input Test Waveforms and Measurement Level
Output Test Load
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Note:
1. This parameter is characterized and is not 100% tested.
AT49F040
4-213


Similar Part No. - AT49F040-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040-12TC ATMEL-AT49F040-12TC Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040-12TC ATMEL-AT49F040-12TC Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49F040-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT29C040A ATMEL-AT29C040A Datasheet
234Kb / 11P
   4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com