Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS19378CS-RLG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19378CS-RLG
Description  2A Buck (Step-down) WLED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19378CS-RLG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19378CS-RLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19378CS-RLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS19378
2A Buck (Step-down) WLED Driver
4/7
Version: A13
Function Descriptions
PWM Control
The TS19378 consists of DC/DC converters that employ a pulse-width modulation (PWM) system. In converters of
the TS19378, the pulse width varies in a range from 0 to 100%, according to the load current. The ripple voltage
produced by the switching can easily be removed through a filter because the switching frequency remains
constant. Therefore, these converters provide a low-ripple power over broad ranges of input voltage and load
current
Setting ILED Current
Application circuit item shows the basic application circuit with TS19378 adjustable output version. The external
resistor sets the LED output current according to the following formula:
ILED=(0.25V/R5), VFB=0.2V
Resistor select for LED output current setting
ILED
R2
350mA
0.57Ω
70mW
750mA
0.266Ω
150mW
1000mA
0.2Ω
200mW
Current Liming
The current limit threshold is setting by the internal circuit.
Compensation
In all LED driver applications. Connecting a resistor (R2) and a capacitor (C7) from COMP pin to GND. Please
refer the application circuit table to design.
EN/SS
This pin can be supplied shutdown or soft start function. It is inside pull high function. For normal application, the
pin must be connected a capacitor to ground. There is a 5uA current to charge this capacitor, vary the different
capacitor value to control soft start time. Allow the switching regulator circuit to be shutdown pulling this pin below
a 0.8V threshold voltage; the shutdown supply current is approximately 150uA
Inductor Selection
For most designs, the different frequency can be reducing the inductor value; The TS19378 is suggested 33uH.
Where is inductor Ripple Current. Large value inductors lower ripple current and small value inductors result in high
ripple currents. Choose inductor ripple current approximately 20% of the maximum load current 2A, ∆IL=0.4A. The
DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to
prevent core saturation (2A+0.2A).
Input Capacitor Selection
This capacitor should be located close to the IC using short leads and the voltage rating should be approximately
1.5 times the maximum input voltage. The RMS current rating requirement for the input capacitor of a buck
regulator is approximately 1⁄2 the DC load current. A low ESR input capacitor sized for maximum RMS current
must be used. A 220µF low ESR capacitor for most applications is sufficient.
Over Voltage Protection
The OVP voltage is set by outside resistance (R1 and R4). The external resistor sets the OVP voltage according to
the following equation:
)
1
R
4
R
1
(
V
)
OVP
(
V
OVP
OUT
+
×
=
If VOVP >0.85V, The OVP is happened that to disable the driver until VOVP <0.85V.


Similar Part No. - TS19378CS-RLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19378CSRLG TSC-TS19378CSRLG Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
More results

Similar Description - TS19378CS-RLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
LA8303 ETC-LA8303 Datasheet
503Kb / 20P
   300KHz, 2A/23V Step-Down LED Driver
Jun. 11, 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com