Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN5R0-80BS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN5R0-80BS
Description  N-channel 80 V, 5.1 m廓 standard level MOSFET in D2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN5R0-80BS Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN5R0-80BS Datasheet HTML 1Page - NXP Semiconductors PSMN5R0-80BS Datasheet HTML 2Page - NXP Semiconductors PSMN5R0-80BS Datasheet HTML 3Page - NXP Semiconductors PSMN5R0-80BS Datasheet HTML 4Page - NXP Semiconductors PSMN5R0-80BS Datasheet HTML 5Page - NXP Semiconductors PSMN5R0-80BS Datasheet HTML 6Page - NXP Semiconductors PSMN5R0-80BS Datasheet HTML 7Page - NXP Semiconductors PSMN5R0-80BS Datasheet HTML 8Page - NXP Semiconductors PSMN5R0-80BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PSMN5R0-80BS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 20 March 2012
5 of 15
NXP Semiconductors
PSMN5R0-80BS
N-channel 80 V, 5.1 m
Ω standard level MOSFET in D2PAK
6.
Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-mb)
thermal resistance from junction to
mounting base
see Figure 4
-
0.3
0.56
K/W
Rth(j-a)
thermal resistance from junction to
ambient
Minimum footprint; mounted on a
printed circuit board
-50
-K/W
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration; typical
values
003aad080
10
-4
10
-3
10
-2
10
-1
1
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
tp (s)
Zth(j-mb)
(K/W)
single shot
0.02
0.05
0.1
0.2
δ = 0.5
tp
T
P
t
tp
T
δ =


Similar Part No. - PSMN5R0-80BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN5R0-80BS NEXPERIA-PSMN5R0-80BS Datasheet
818Kb / 15P
   N-channel 80 V, 5.1 mΩ standard level MOSFET in D2PAK
Rev. 1 - 20 March 2012
More results

Similar Description - PSMN5R0-80BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN5R0-80BS NEXPERIA-PSMN5R0-80BS Datasheet
818Kb / 15P
   N-channel 80 V, 5.1 mΩ standard level MOSFET in D2PAK
Rev. 1 - 20 March 2012
logo
NXP Semiconductors
PSMN017-80BS NXP-PSMN017-80BS Datasheet
210Kb / 14P
   N-channel 80 V 17 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
logo
Nexperia B.V. All right...
PSMN050-80BS NEXPERIA-PSMN050-80BS Datasheet
976Kb / 14P
   N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
PSMN8R7-80BS NEXPERIA-PSMN8R7-80BS Datasheet
976Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
logo
NXP Semiconductors
PSMN4R4-80BS PHILIPS-PSMN4R4-80BS_15 Datasheet
221Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
Rev. 1-22 March 2012
PSMN012-80BS PHILIPS-PSMN012-80BS_15 Datasheet
210Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
Rev. 2-1 March 2012
PSMN050-80BS PHILIPS-PSMN050-80BS_15 Datasheet
236Kb / 14P
   N-channel 80 V 46 m廓 standard level MOSFET in D2PAK
Rev. 1-2 March 2012
PSMN8R7-80BS PHILIPS-PSMN8R7-80BS_15 Datasheet
231Kb / 14P
   N-channel 80 V 8.7 m廓 standard level MOSFET in D2PAK
Rev. 2-2 March 2012
logo
Nexperia B.V. All right...
PSMN4R4-80BS NEXPERIA-PSMN4R4-80BS Datasheet
819Kb / 15P
   N-channel 80 V, 4.5 m廓 standard level MOSFET in D2PAK
PSMN012-80BS NEXPERIA-PSMN012-80BS Datasheet
805Kb / 14P
   N-channel 80 V 11 m廓 standard level MOSFET in D2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com