Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49HLV010-55TI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49HLV010-55TI
Description  1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49HLV010-55TI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49HLV010-55TI Datasheet HTML 3Page - ATMEL Corporation AT49HLV010-55TI Datasheet HTML 4Page - ATMEL Corporation AT49HLV010-55TI Datasheet HTML 5Page - ATMEL Corporation AT49HLV010-55TI Datasheet HTML 6Page - ATMEL Corporation AT49HLV010-55TI Datasheet HTML 7Page - ATMEL Corporation AT49HLV010-55TI Datasheet HTML 8Page - ATMEL Corporation AT49HLV010-55TI Datasheet HTML 9Page - ATMEL Corporation AT49HLV010-55TI Datasheet HTML 10Page - ATMEL Corporation AT49HLV010-55TI Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AT49(H)BV/(H)LV010
11
Ordering Information (Continued)
t
ACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
55
25
0.05
AT49HLV010-55JC
AT49HLV010-55TC
32J
32T
Commercial
(0
°C - 70°C)
25
0.05
AT49HLV010-55JI
AT49HLV010-55TI
32J
32T
Industrial
(-40
°C - 85°C)
70
25
0.05
AT49HLV010-70JC
AT49HLV010-70TC
32J
32T
Commercial
(0
°C - 70°C)
25
0.05
AT49HLV010-70JI
AT49HLV010-70TI
32J
32T
Industrial
(-40
°C - 85°C)
90
25
0.05
AT49HLV010-90JC
AT49HLV010-90TC
32J
32T
Commercial
(0
°C - 70°C)
25
0.05
AT49HLV010-90JI
AT49HLV010-90TI
32J
32T
Industrial
(-40
°C - 85°C)
120
25
0.05
AT49LV010-12JC
AT49LV010-12TC
32J
32T
Commercial
(0
°C - 70°C)
25
0.05
AT49LV010-12JI
AT49LV010-12TI
32J
32T
Industrial
(-40
°C - 85°C)
Package Type
32J
32-Lead, Plastic J-Leaded Chip Carrier Package (PLCC)
32T
32-Lead, Thin Small Outline Package (TSOP)


Similar Part No. - AT49HLV010-55TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49HF010 ATMEL-AT49HF010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45JC ATMEL-AT49HF010-45JC Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45JI ATMEL-AT49HF010-45JI Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45PC ATMEL-AT49HF010-45PC Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49HF010-45PI ATMEL-AT49HF010-45PI Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
More results

Similar Description - AT49HLV010-55TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
   1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com